전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7851-100 데이터시트(PDF) 7 Page - Agilent(Hewlett-Packard)

부품명 HCPL-7851-100
상세설명  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7851-100 데이터시트(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7851-100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7851-100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Figure 1. Input Offset Voltage Test Circuit.
Figure 2. Input Offset Change vs.
Temperature.
Figure 3. Input Offset Change vs.
VDD1 and VDD2.
Figure 4. Output Voltages vs. Input
Voltage.
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7850
5
2
4
0.1 µF
10 K
10 K
VDD1
+15 V
0.1 µF
0.1 µF
-15 V
+
AD624CD
GAIN = 100
0.47
µF
0.47
µF
TA – TEMPERATURE – °C
1.0
0.5
0
-20
2.0
20
VDD1 = 5 V
VDD2 = 5 V
-0.5
1.5
-60
140
60
100
VDD – SUPPLY VOLTAGE – V
0.6
0.3
4.6
0.9
4.8
5.0
5.2
TA = 25°C
-0.3
vs. VDD1 (VDD2 = 5 V)
4.4
5.6
5.4
vs. VDD2 (VDD1 = 5 V)
0
VIN – INPUT VOLTAGE – V
2.5
2.0
1.5
-0.4
4.0
-0.2
0
0.2
VDD1 = 5 V
VDD2 = 5 V
TA = 25°C
1.0
3.0
3.5
-0.6
0.6
0.4
POSITIVE
OUTPUT
NEGATIVE
OUTPUT


유사한 부품 번호 - HCPL-7851-100

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7851 AVAGO-HCPL-7851 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
HCPL-7851 BOARDCOM-HCPL-7851 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

유사한 설명 - HCPL-7851-100

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com