전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS71024U-15I 데이터시트(PDF) 1 Page - GSI Technology

부품명 GS71024U-15I
상세설명  64K x 24 1.5Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024U-15I 데이터시트(HTML) 1 Page - GSI Technology

  GS71024U-15I Datasheet HTML 1Page - GSI Technology GS71024U-15I Datasheet HTML 2Page - GSI Technology GS71024U-15I Datasheet HTML 3Page - GSI Technology GS71024U-15I Datasheet HTML 4Page - GSI Technology GS71024U-15I Datasheet HTML 5Page - GSI Technology GS71024U-15I Datasheet HTML 6Page - GSI Technology GS71024U-15I Datasheet HTML 7Page - GSI Technology GS71024U-15I Datasheet HTML 8Page - GSI Technology GS71024U-15I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GS71024T/U
64K x 24
1.5Mb Asynchronous SRAM
8, 9, 10, 12, 15 ns
3.3 V VDD
Center VDD and VSS
TQFP, FP-BGA
Commercial Temp
Industrial Temp
Rev: 1.05 11/2004
1/13
© 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Fast access time: 8, 9, 10, 12, 15 ns
• CMOS low power operation: 190/170/160/130/110 mA at
minimum cycle time.
• Single 3.3 V ± 0.3 V power supply
• All inputs and outputs are TTL-compatible
• Fully static operation
• Industrial Temperature Option: –40 to 85°C
• Package
T: 100-pin TQFP package
U: 6 mm x 8 mm Fine Pitch Ball Grid Array
GT: Pb-Free 100-pin TQFP available
Description
The GS71024 is a high speed CMOS static RAM organized as
65,536 words by 24 bits. Static design eliminates the need for
external clocks or timing strobes. The GS71024 operates on a
single 3.3 V power supply, and all inputs and outputs are TTL-
compatible. The GS71024 is available in a 6 mm x 8 mm Fine
Pitch BGA package, as well as in a 100-pin TQFP package.
Fine Pitch BGA Bump Configuration
6 mm x 8 mm, 0.75 mm Bump Pitch
Top View
Block Diagram
1
234
56
A
DQ
A3
A2
A1
A0
DQ
B
DQ
DQ
CE2 WE
DQ
DQ
C
DQ
DQ
CE1
OE
DQ
DQ
D
VSS DQ
A5
A4
DQ
VDD
E
VDD DQ
A7
A6
DQ
VSS
F
DQ
DQ
A9
A8
DQ
DQ
G
DQ
DQ
A11
A10
DQ
DQ
H
DQ
A15
A14
A13
A12
DQ
Pin Descriptions
Symbol
Description
Symbol
Description
A0 to A15
Address input
DQ1 to DQ24
Data input/output
X/Y
Vector Input
V/S
Address Multiplexer Control
WE
Write enable input
OE
Output enable input
CE1, CE2
Chip enable input
VDD
+3.3 V power supply
VSS
Ground
Memory Array
1024 x 1536
Row
Decoder
Column
Decoder
Address
Input
Control
I/O Buffer
A0
A15
CE1
WE
OE
DQ1
DQ24
0
1
Q
A14
X/Y
V/S
CE2


유사한 부품 번호 - GS71024U-15I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS71108AGJ-10 ETC2-GS71108AGJ-10 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-10I ETC2-GS71108AGJ-10I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12 ETC2-GS71108AGJ-12 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12I ETC2-GS71108AGJ-12I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-7 ETC2-GS71108AGJ-7 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results

유사한 설명 - GS71024U-15I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
STMicroelectronics
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
logo
Taiwan Memory Technolog...
T35L6464A TMT-T35L6464A Datasheet
160Kb / 16P
   64K x 64 SRAM???
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
   64K x 1 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com