전자부품 데이터시트 검색엔진 |
|
MC14175BCP 데이터시트(PDF) 3 Page - ON Semiconductor |
|
MC14175BCP 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC14175B http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) VDD – 55 _C 25 _C 125 _C Characteristic Symbol VDD Vdc Min Max Min Typ (4.) Max Min Max Unit Output Voltage “0” Level Vin = VDD or 0 VOL 5.0 10 15 — — — 0.05 0.05 0.05 — — — 0 0 0 0.05 0.05 0.05 — — — 0.05 0.05 0.05 Vdc “1” Level Vin = 0 or VDD VOH 5.0 10 15 4.95 9.95 14.95 — — — 4.95 9.95 14.95 5.0 10 15 — — — 4.95 9.95 14.95 — — — Vdc Input Voltage “0” Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) VIL 5.0 10 15 — — — 1.5 3.0 4.0 — — — 2.25 4.50 6.75 1.5 3.0 4.0 — — — 1.5 3.0 4.0 Vdc “1” Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIH 5.0 10 15 3.5 7.0 11 — — — 3.5 7.0 11 2.75 5.50 8.25 — — — 3.5 7.0 11 — — — Vdc Output Drive Current (VOH = 2.5 Vdc) Source (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) IOH 5.0 5.0 10 15 – 3.0 – 0.64 – 1.6 – 4.2 — — — — – 2.4 – 0.51 – 1.3 – 3.4 – 4.2 – 0.88 – 2.25 – 8.8 — — — — – 1.7 – 0.36 – 0.9 – 2.4 — — — — mAdc (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOL 5.0 10 15 0.64 1.6 4.2 — — — 0.51 1.3 3.4 0.88 2.25 8.8 — — — 0.36 0.9 2.4 — — — mAdc Input Current Iin 15 — ± 0.1 — ±0.00001 ± 0.1 — ± 1.0 µAdc Input Capacitance (Vin = 0) Cin — — — — 5.0 7.5 — — pF Quiescent Current (Per Package) IDD 5.0 10 15 — — — 5.0 10 20 — — — 0.005 0.010 0.015 5.0 10 20 — — — 150 300 600 µAdc Total Supply Current (5.) (6.) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IT 5.0 10 15 IT = (1.7 µA/kHz) f + IDD IT = (3.4 µA/kHz) f + IDD IT = (5.0 µA/kHz) f + IDD µAdc 4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. 5. The formulas given are for the typical characteristics only at 25 _C. 6. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.004. |
유사한 부품 번호 - MC14175BCP |
|
유사한 설명 - MC14175BCP |