전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS42L51 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CS42L51
상세설명  Low Power, Stereo CODEC with Headphone Amp
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CS42L51 Datasheet HTML 6Page - Cirrus Logic CS42L51 Datasheet HTML 7Page - Cirrus Logic CS42L51 Datasheet HTML 8Page - Cirrus Logic CS42L51 Datasheet HTML 9Page - Cirrus Logic CS42L51 Datasheet HTML 10Page - Cirrus Logic CS42L51 Datasheet HTML 11Page - Cirrus Logic CS42L51 Datasheet HTML 12Page - Cirrus Logic CS42L51 Datasheet HTML 13Page - Cirrus Logic CS42L51 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
10
DS679A2
CS42L51
2. TYPICAL CONNECTION DIAGRAMS
1 µF
+1.8 V or +2.5 V
1 µF
VQ
DAC_FILT+
0.1 µF
1 µF
DGND
VL
0.1 µF
+1.8 V, +2.5 V
or +3.3 V
SCL/CCLK
SDA/CDIN
RESET
2 k
See Note 1
LRCK
AGND
AD0/CS
MCLK
SCLK
0.1 µF
VA_HP
VD
* Capacitors must be C0G or equivalent
1000 pF
AFILTA
AFILTB
MICIN1
AIN3A
Microphone Input
1000 pF
SDIN
SDOUT
CS42L51
2 k
1 µF
BIAS2
AIN3B/MICIN2
**
+1.8 V or +2.5 V
AOUTB
AOUTA
470
470
C
C
Rext
Rext
See Note 2
AIN1A
Left Analog Input 1
1800 pF
1800 pF
100 k
100
AIN1B
Right Analog Input 1
*
*
Note 1:
Resistors are required for I²C
control port operation
For best response to Fs/2 :
()
470
4
470
×
+
=
ext
ext
R
Fs
R
C
π
This circuitry is intended for applications where the
CS42L51 connects directly to an unbalanced output of the
device. For internal routing applications please see the
DAC Analog Output Characteristics section for loading
limitations.
Note 2 :
RL
See Note 3
Note 3: The value of RL is dictated
by the microphone cartridge.
Digital Audio
Processor
0.1 µF
VA
Headphone Out
Left & Right
Line Level Out
Left & Right
Speaker Driver
AIN2A
Left Analog Input 2
1800 pF
1800 pF
AIN2B
BIAS1
Right Analog Input 2
*
*
FLYP
FLYN
VSS_HP
GND_HP
1 µF
10 µF
ADC_FILT+
Microphone Bias
1 µF
1 µF
1 µF
1 µF
1 µF
0.1 µF
51.1
0.022 µF
100 k
100
100
100
100 k
100 k
100 k
1 µF
**
**
* *Use low ESR ceramic capacitors.
See Note 4
Note 4:
Series resistance in the path of the power supplies must
be avoided. Any voltage drop on VA_HP will directly
impact the negative charge pump supply (VSS_HP) and
result in clipping on the audio output .
1.5 µF
1.5 µF
See Note 5
Note 5 :
Larger capacitors, such as 1.5 µF, improves the charge
pump performance (and subsequent THD +N) at the full
scale output power achieved with gain (G) settings
greater than default.
**
**
Figure 1. Typical Connection Diagram (Software Mode)


유사한 부품 번호 - CS42L51

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZR CIRRUS-CS42L51-CNZR Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-DNZ CIRRUS-CS42L51-DNZ Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-DNZR CIRRUS-CS42L51-DNZR Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
More results

유사한 설명 - CS42L51

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com