전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4382-KQZ 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS4382-KQZ
상세설명  114 dB, 192 kHz 8-Channel D/A Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382-KQZ 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS4382-KQZ Datasheet HTML 4Page - Cirrus Logic CS4382-KQZ Datasheet HTML 5Page - Cirrus Logic CS4382-KQZ Datasheet HTML 6Page - Cirrus Logic CS4382-KQZ Datasheet HTML 7Page - Cirrus Logic CS4382-KQZ Datasheet HTML 8Page - Cirrus Logic CS4382-KQZ Datasheet HTML 9Page - Cirrus Logic CS4382-KQZ Datasheet HTML 10Page - Cirrus Logic CS4382-KQZ Datasheet HTML 11Page - Cirrus Logic CS4382-KQZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
CS4382
8
DS514F1
SWITCHING CHARACTERISTICS (For KQZ T
A = -10 to +70 °C; VLS = 1.8 V to 5.5 V; Inputs: Logic
0 = GND, Logic 1 = VLS, CL = 30 pF)
Notes: 15. See Table 5 on page 26 for suggested MCLK frequencies
16. This serial clock is available only in Control Port Mode when the MCLK Divide bit is enabled.
17. The higher frequency LRCK must be an exact integer multiple (1, 2, or 4) of the lower frequency LRCK
.
Parameters
Symbol
Min
Typ
Max
Units
MCLK Frequency
(Note 15)
Single Speed Mode
1.024
-
51.2
MHz
Double Speed Mode
6.400
-
51.2
MHz
Quad Speed Mode
6.400
-
51.2
MHz
MCLK Duty Cycle
40
50
60
%
Input Sample Rate
Single Speed Mode
Double Speed Mode
Quad Speed Mode
Fs
Fs
Fs
4
50
100
-
-
-
50
100
200
kHz
kHz
kHz
LRCK Duty Cycle
45
50
55
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
tsclkw
--
ns
(Note 16)
tsclkw
--
ns
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
-
ns
LRCK1 to LRCK2 frequency ratio
(Note 17)
0.25
1.00
4.00
2
MCLK
------------------
4
MCLK
------------------
sclkh
t
slrs
t
slrd
t
sd lrs
t
sd h
t
sclkl
t
SD A TA
SCL K
L RCK
Figure 1. Serial Mode Input Timing


유사한 부품 번호 - CS4382-KQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZR CIRRUS-CS4382-KQZR Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

유사한 설명 - CS4382-KQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com