전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4382-KQZ 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CS4382-KQZ
상세설명  114 dB, 192 kHz 8-Channel D/A Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382-KQZ 데이터시트(HTML) 1 Page - Cirrus Logic

  CS4382-KQZ Datasheet HTML 1Page - Cirrus Logic CS4382-KQZ Datasheet HTML 2Page - Cirrus Logic CS4382-KQZ Datasheet HTML 3Page - Cirrus Logic CS4382-KQZ Datasheet HTML 4Page - Cirrus Logic CS4382-KQZ Datasheet HTML 5Page - Cirrus Logic CS4382-KQZ Datasheet HTML 6Page - Cirrus Logic CS4382-KQZ Datasheet HTML 7Page - Cirrus Logic CS4382-KQZ Datasheet HTML 8Page - Cirrus Logic CS4382-KQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
http://www.cirrus.com
CS4382
114 dB, 192 kHz 8-Channel D/A Converter
Features
24-bit Conversion
Up to 192 kHz Sample Rates
114 dB Dynamic Range
-100 dB THD+N
Supports PCM and DSD Data Formats
Selectable Digital Filters
Volume Control with Soft Ramp
– 1 dB Step Size
– Zero Crossing Click-free Transitions
Dedicated DSD inputs
Low Clock Jitter Sensitivity
Simultaneous Support for Two Synchronous
Sample Rates for DVD Audio
µC or Stand-alone Operation
Description
The CS4382 is a complete 8-channel digital-to-analog
system including digital interpolation, fifth-order delta-
sigma digital-to-analog conversion, digital de-emphasis,
volume control and analog filtering. The advantages of
this architecture include: ideal differential linearity, no
distortion mechanisms due to resistor matching errors,
no linearity drift over time and temperature and a high
tolerance to clock jitter.
The CS4382 accepts PCM data at sample rates from
4 kHz to 192 kHz, DSD audio data, and operates over a
wide power supply range. These features are ideal for
multi-channel audio systems including DVD players,
SACD players, A/V receivers, digital TV’s, mixing con-
soles,
effects
processors,
and
automotive
audio
systems.
ORDERING INFORMATION
CS4382-KQZ, Lead Free -10 to 70 °C
48-pin LQFP
CDB4382
Evaluation Board
I
Ex t e r n a l
Mu t e C o n t r o l
RS T
Vo l u m e C o n t r o l
Int e r p o l a t i o n F i lte r
A n a l o g F i l t e r
∆Σ DA C
Mi x e r
Vo l u m e C o n t r o l
∆Σ DA C
An a l o g F i l t e r
I n t e r p ol at i o n F i lt e r
Vo l u m e C o n t r o l
I n t e r p ol at i o n F i lt e r
A n a l o g F i l t e r
∆Σ DA C
Mi x e r
Vo l u m e C o n t r o l
∆Σ DA C
An a l o g F i l t e r
In t e r p o l a t i o n F i lt e r
Vo l u m e C o n t r o l
I n t e r p ol at i o n F i lt e r
A n a l o g F i l t e r
∆Σ DA C
Mi x e r
Vo l u m e C o n t r o l
∆Σ DA C
An a l o g F i l t e r
AO U T B 4 -
In t e r p o l a t i o n F i lt e r
MC L K
SC L /CCL K (M 1 )
SDA /CDIN (M 2 )
A D0 /C S(M 0 ) VL C
÷ 2
VQ
FIL T +
VA
GN D
VD
MU T E C 1
DS D_ SC L K (M 3 )
GN D
C ontro l P o rt(S tand-A lone M ode S e le ct)
VL S
LR CK
SD I N 1
SD I N 2
SD I N 3
2
SCL K
LR C K 2
SCL K
DS D x x
8
AO U T B4 +
AO U T A 4 -
AO U T A 4 +
AO U T B 2 -
AO U T B 2 +
AO U T A 2 -
AO U T A 2 +
AO U T B 1 -
AO U T B 1 +
AO U T A 1 -
AO U T A 1 +
Vo l u m e C o n t r o l
I n t e r p ol at i o n F i lt e r
A n a l o g F i l t e r
∆Σ DA C
Mi x e r
Vo l u m e C o n t r o l
∆Σ DA C
An a l o g F i l t e r
In t e r p o l a t i o n F i lt e r
AO U T B 3 -
AO U T B 3 +
AO U T A 3 -
AO U T A 3 +
SD I N 4
M U T E C 234
1
1
NOV ‘04
DS514F1


유사한 부품 번호 - CS4382-KQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZR CIRRUS-CS4382-KQZR Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

유사한 설명 - CS4382-KQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com