전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14526BDW 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 MC14526BDW
상세설명  Presettable 4-Bit Down Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14526BDW 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button MC14526BDW Datasheet HTML 4Page - ON Semiconductor MC14526BDW Datasheet HTML 5Page - ON Semiconductor MC14526BDW Datasheet HTML 6Page - ON Semiconductor MC14526BDW Datasheet HTML 7Page - ON Semiconductor MC14526BDW Datasheet HTML 8Page - ON Semiconductor MC14526BDW Datasheet HTML 9Page - ON Semiconductor MC14526BDW Datasheet HTML 10Page - ON Semiconductor MC14526BDW Datasheet HTML 11Page - ON Semiconductor MC14526BDW Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC14526B
http://onsemi.com
9
APPLICATIONS INFORMATION
Divide–By–N, Single Stage
Figure 11 shows a single stage divide–by–N application.
To initialize counting a number, N is set on the parallel
inputs (P0, P1, P2, and P3) and reset is taken high
asynchronously. A zero is forced into the master and slave
of each bit and, at the same time, the “0” output goes high.
Because Preset Enable is tied to the “0” output, preset is
enabled. Reset must be released while the Clock is high so
the slaves of each bit may receive N before the Clock goes
low. When the Clock goes low and Reset is low, the “0”
output goes low (if P0 through P3 are unequal to zero).
The counter downcounts with each rising edge of the
Clock. When the counter reaches the zero state, an output
pulse occurs on “0” which presets N. The propagation delays
from the Clock’s rising and falling edges to the “0” output’s
rising and falling edges are about equal, making the “0”
output pulse approximately equal to that of the Clock pulse.
The Inhibit pin may be used to stop pulse counting. When
this pin is taken high, decrementing is inhibited.
Cascaded, Presettable Divide–By–N
Figure 12 shows a three stage cascade application. Taking
Reset high loads N. Only the first stage’s Reset pin (least
significant counter) must be taken high to cause the preset
for all stages, but all pins could be tied together, as shown.
When the first stage’s Reset pin goes high, the “0” output
is latched in a high state. Reset must be released while Clock
is high and time allowed for Preset Enable to load N into all
stages before Clock goes low.
When Preset Enable is high and Clock is low, time must
be allowed for the zero digits to propagate a Cascade
Feedback to the first non–zero stage. Worst case is from the
most significant bit (M.S.B.) to the L.S.B., when the L.S.B.
is equal to one (i.e. N = 1).
After N is loaded, each stage counts down to zero with
each rising edge of Clock. When any stage reaches zero and
the leading stages (more significant bits) are zero, the “0”
output goes high and feeds back to the preceding stage.
When all stages are zero, the Preset Enable automatically
loads N while the Clock is high and the cycle is renewed.
Figure 11.
÷ N Counter
P0
P1
P2
P3
CF
RESET
INHIBIT
CLOCK
PE
Q0
Q1
Q2
Q3
“0”
N
VDD
VSS
fin
BUFFER
fin
N
Figure 12. 3 Stages Cascaded
N0 N1 N2 N3
N4 N5 N6 N7
P0 P1 P2 P3
Q0 Q1 Q2 Q3
fin
CLOCK
INHIBIT
VSS
VDD
LOAD
N
VSS
RESET
“0”
PE
CF
10 K
VSS
P0 P1 P2 P3
Q0 Q1 Q2 Q3
CLOCK
INHIBIT
RESET
“0”
PE
CF
CLOCK
INHIBIT
RESET
“0”
PE
CF
P0 P1 P2 P3
Q0 Q1 Q2 Q3
N8 N9 N10 N11
VSS
VDD
BUFFER
LSB
MSB
fin
N


유사한 부품 번호 - MC14526BDW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC14526BDW MOTOROLA-MC14526BDW Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
logo
ON Semiconductor
MC14526BDWG ONSEMI-MC14526BDWG Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526BDWG ONSEMI-MC14526BDWG Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
More results

유사한 설명 - MC14526BDW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
logo
Motorola, Inc
MC14522B MOTOROLA-MC14522B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_06 Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Motorola, Inc
MC14163B MOTOROLA-MC14163B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com