전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTV16857 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 SSTV16857
상세설명  14-bit SSTL_2 registered driver with differential clock inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTV16857 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button SSTV16857 Datasheet HTML 2Page - NXP Semiconductors SSTV16857 Datasheet HTML 3Page - NXP Semiconductors SSTV16857 Datasheet HTML 4Page - NXP Semiconductors SSTV16857 Datasheet HTML 5Page - NXP Semiconductors SSTV16857 Datasheet HTML 6Page - NXP Semiconductors SSTV16857 Datasheet HTML 7Page - NXP Semiconductors SSTV16857 Datasheet HTML 8Page - NXP Semiconductors SSTV16857 Datasheet HTML 9Page - NXP Semiconductors SSTV16857 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
SSTV16857
14-bit SSTL_2 registered driver
with differential clock inputs
2002 Sep 27
6
TIMING REQUIREMENTS
Over recommended operating conditions; Tamb = 0 to +70 °C (unless otherwise noted) (see Figure 1)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = 2.5 V ±0.2 V
UNIT
MIN
MAX
fclock
Clock frequency
200
MHz
tw
Pulse duration, CLK, CLK HIGH or LOW
1.0
ns
t
Setup time
Data before CLK
↑, CLK↓
0.2
ns
tsu
Setup time
RESET HIGH before CLK
↑, CLK↓
0.8
ns
th
Hold time
0.75
ns
SWITCHING CHARACTERISTICS
Over recommended operating conditions; Tamb = 0 to +70 °C; VDDQ = 2.3 – 2.7 V and VDDQ does not exceed VCC.
Class I, VREF = VTT = VDDQ × 0.5 and CL = 10 pF (unless otherwise noted) (see Figure 1)
LIMITS
SYMBOL
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V ±0.2 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
fmax
Maximum clock frequency
200
MHz
tPLH/tPHL
CLK and CLK
Q
1.0
2.8
ns
tPHL
RESET
Q
2.0
4.0
ns
184/200-pin DDR SDRAM DIMM
The PLL clock distribution device and SSTV registered drivers reduce
signal loads on the memory controller and prevent timing delays and
waveform distortions that would cause unreliable operation
SW00686
SSTV16857
PCKV857
SSTV16857
FRONT SIDE


유사한 부품 번호 - SSTV16857

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SSTV16857 FAIRCHILD-SSTV16857 Datasheet
85Kb / 7P
   14-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Texas Instruments
SSTV16857 TI1-SSTV16857 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
SSTV16857MTD FAIRCHILD-SSTV16857MTD Datasheet
85Kb / 7P
   14-Bit Register with SSTL-2 Compatible I/O and Reset
More results

유사한 설명 - SSTV16857

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTVF16857DGV PHILIPS-SSTVF16857DGV Datasheet
117Kb / 13P
   DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com