전자부품 데이터시트 검색엔진 |
|
TP3054-X 데이터시트(PDF) 9 Page - National Semiconductor (TI) |
|
|
TP3054-X 데이터시트(HTML) 9 Page - National Semiconductor (TI) |
9 / 16 page Transmission Characteristics Unless otherwise noted, limits printed in BOLD characters are guaranteed for V CC = +5.0V ±5%, VBB = −5.0V ±5%; TA = −40˚C to +85˚C by correlation with 100% electrical testing at T A = 25˚C. All other limits are assured by correlation with other production tests and/or product design and characterization. GNDA = 0V, f = 1.02 kHz, V IN = 0 dBm0, transmit input amplifier connected for unity gain non inverting. Typicals are specified at V CC = +5.0V, VBB = −5.0V, TA = 25˚C. Symbol Parameter Conditions Min Typ Max Units AMPLITUDE RESPONSE Absolute Levels Nominal 0 dBm0 Level is 4 dBm (Definition of nominal gain) (600 Ω) 0 dBm0 1.2276 Vrms t MAX Max Overload Level TP3054 (3.17 dBm0) 2.501 V PK TP3057 (3.14 dBm0) 2.492 V PK G XA Transmit Gain, Absolute T A=25˚C, VCC=5V, VBB=−5V Input at GS x=0 dBm0 at 1020 Hz −0.15 0.15 dB G XR Transmit Gain, Relative to G XA f=16 Hz −40 dB f=50 Hz −30 dB f=60 Hz −26 dB f=200 Hz −1.8 −0.1 dB f=300 Hz–3000 Hz −0.15 0.15 dB f=3152 Hz −0.15 0.20 dB f=3300 Hz −0.35 0.1 dB f=3400 Hz −0.7 0 dB f=4000 Hz −14 dB f=4600 Hz and Up, Measure −32 dB Response from 0 Hz to 4000 Hz G XAT Absolute Transmit Gain Variation Relative to G XA −0.15 0.15 dB with Temperature G XAV Absolute Transmit Gain Variation Relative to G XA −0.05 0.05 dB with Supply Voltage G XRL Transmit Gain Variations with Sinusoidal Test Method Level Reference Level=−10 dBm0 VF XI +=−40 dBm0 to +3 dBm0 −0.2 0.2 dB VF XI +=−50 dBm0 to −40 dBm0 −0.4 0.4 dB VF XI +=−55 dBm0 to −50 dBm0 −1.2 1.2 dB G RA Receive Gain, Absolute T A=25˚C, VCC=5V, VBB=−5V Input=Digital Code Sequence for 0 dBm0 Signal at 1020 Hz −0.20 0.20 dB G RR Receive Gain, Relative to G RA f=0 Hz to 3000 Hz −0.15 0.15 dB f=3300 Hz −0.35 0.1 dB f=3400 Hz −0.7 0 dB f=4000 Hz −14 dB G RAT Absolute Receive Gain Variation Relative to G RA −0.15 0.15 dB with Temperature G RAV Absolute Receive Gain Variation Relative to G RA −0.05 0.05 dB with Supply Voltage G RRL Receive Gain Variations with Sinusoidal Test Method; Reference Level Input PCM Code Corresponds to an Ideally Encoded PCM Level =−40 dBm0 to +3 dBm0 −0.2 0.2 dB PCM Level =−50 dBm0 to −40 dBm0 −0.4 0.4 dB PCM Level =−55 dBm0 to −50 dBm0 −1.2 1.2 dB www.national.com 9 |
유사한 부품 번호 - TP3054-X |
|
유사한 설명 - TP3054-X |