전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP3057-X 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 TP3057-X
상세설명  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3057-X 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  TP3057-X Datasheet HTML 1Page - National Semiconductor (TI) TP3057-X Datasheet HTML 2Page - National Semiconductor (TI) TP3057-X Datasheet HTML 3Page - National Semiconductor (TI) TP3057-X Datasheet HTML 4Page - National Semiconductor (TI) TP3057-X Datasheet HTML 5Page - National Semiconductor (TI) TP3057-X Datasheet HTML 6Page - National Semiconductor (TI) TP3057-X Datasheet HTML 7Page - National Semiconductor (TI) TP3057-X Datasheet HTML 8Page - National Semiconductor (TI) TP3057-X Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC to GNDA
7V
V
BB to GNDA
−7V
Voltage at any Analog Input
or Output
V
CC+0.3V to VBB−0.3V
Voltage at any Digital Input or
Output
V
CC+0.3V to GNDA−0.3V
Operating Temperature Range
−55˚C to + 125˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
300˚C
Electrical Characteristics
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5.0V ±5%, VBB = −5.0V ±5%; TA =
−40˚C to +85˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other
production tests and/or product design and characterization. All signals referenced to GNDA. Typicals specified at V
CC =
+5.0V, V
BB = −5.0V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACE
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.2
V
V
OL
Output Low Voltage
D
X,IL=3.2 mA
0.4
V
SIG
R,IL=1.0 mA
0.4
V
TS
X,IL=3.2 mA, Open Drain
0.4
V
V
OH
Output High Voltage
D
X,IH=−3.2 mA
2.4
V
SIG
R,IH=−1.0 mA
2.4
V
I
IL
Input Low Current
GNDA
≤V
IN
≤V
IL, All Digital Inputs
−10
10
µA
I
IH
Input High Current
V
IH
≤V
IN
≤V
CC
−10
10
µA
I
OZ
Output Current in High Impedance
D
X, GNDA
≤V
O
≤V
CC
−10
10
µA
State (TRI-STATE)
ANALOG INTERFACE WITH TRANSMIT INPUT AMPLIFIER (ALL DEVICES)
I
IXA
Input Leakage Current
−2.5V
≤V≤+2.5V, VF
XI
+ or VF
XI
−200
200
nA
R
IXA
Input Resistance
−2.5V
≤V≤+2.5V, VF
XI
+ or VF
XI
10
M
R
OXA
Output Resistance
Closed Loop, Unity Gain
1
3
R
LXA
Load Resistance
GS
X
10
k
C
LXA
Load Capacitance
GS
X
50
pF
V
OXA
Output Dynamic Range
GS
X,RL
≥ 10 kΩ
−2.8
2.8
V
A
VXA
Voltage Gain
VF
XI
+ to GS
X
5000
V/V
F
UXA
Unity Gain Bandwidth
1
2
MHz
V
OSXA
Offset Voltage
−20
20
mV
V
CMXA
Common-Mode Voltage
CMRRXA > 60 dB
−2.5
2.5
V
CMRRXA
Common-Mode Rejection Ratio
DC Test
60
dB
PSRRXA
Power Supply Rejection Ratio
DC Test
60
dB
ANALOG INTERFACE WITH RECEIVE FILTER (ALL DEVICES)
R
ORF
Output Resistance
Pin VF
RO1
3
R
LRF
Load Resistance
VF
RO=±2.5V
600
C
LRF
Load Capacitance
500
pF
VOS
RO
Output DC Offset Voltage
−200
200
mV
POWER DISSIPATION (ALL DEVICES)
I
CC0
Power-Down Current
No Load (Note 2)
0.65
2.0
mA
I
BB0
Power-Down Current
No Load (Note 2)
0.01
0.33
mA
I
CC1
Power-Up (Active) Current
No Load( –40˚C to 85˚C)
5.0
11.0
mA
I
BB1
Power-Up (Active) Current
No Load ( –40˚C to 85˚C)
5.0
11.0
mA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: ICC0 and IBB0 are measured after first achieving a power-up state.
www.national.com
5


유사한 부품 번호 - TP3057-X

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TP3057-X TI1-TP3057-X Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

유사한 설명 - TP3057-X

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com