전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14562 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC14562
상세설명  128-Bit Static Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14562 데이터시트(HTML) 6 Page - ON Semiconductor

  MC14562 Datasheet HTML 1Page - ON Semiconductor MC14562 Datasheet HTML 2Page - ON Semiconductor MC14562 Datasheet HTML 3Page - ON Semiconductor MC14562 Datasheet HTML 4Page - ON Semiconductor MC14562 Datasheet HTML 5Page - ON Semiconductor MC14562 Datasheet HTML 6Page - ON Semiconductor MC14562 Datasheet HTML 7Page - ON Semiconductor MC14562 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14562B
http://onsemi.com
6
TIMING DIAGRAM
PULSE 1
PIN
NO.’S
CLOCK 5
DATA IN 12
Q16 10
Q32 13
Q28 3
PULSE 16
PULSE 32
PULSE 128
AC TEST WAVEFORMS
NOTE: The remaining Data–Bit Outputs (Q32, Q48, Q64, Q80, Q96, Q112 and Q128) will occur at Clock Pulse 32, 48, 64, 80,
96, 112, 128 in the same relationship as Q16.
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
CLOCK
DATA IN
Q16
CLOCK
DATA IN
Q16
PULSE 1
PULSE 2
PULSE 16
PULSE 17
50%
50%
50%
90%
10%
50%
tWH
tWL
tr
tf
50%
50%
tsu(0)
th(0)
50%
90%
10%
tPHL
tTHL
PULSE 1
PULSE 2
PULSE 16
PULSE 17
50%
50%
50%
tWH
tWL
50%
50%
50%
tsu(1)
th(1)
50%
90%
10%
tTHL
tPLH


유사한 부품 번호 - MC14562

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC14562B MOTOROLA-MC14562B Datasheet
187Kb / 6P
   128-BIT STATIC SHIFT REGISTER
MC14562BCL MOTOROLA-MC14562BCL Datasheet
187Kb / 6P
   128-BIT STATIC SHIFT REGISTER
MC14562BCP MOTOROLA-MC14562BCP Datasheet
187Kb / 6P
   128-BIT STATIC SHIFT REGISTER
MC14562BD MOTOROLA-MC14562BD Datasheet
187Kb / 6P
   128-BIT STATIC SHIFT REGISTER
More results

유사한 설명 - MC14562

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD14562B HITACHI-HD14562B Datasheet
69Kb / 5P
   128-bit Static Shift Register
logo
Motorola, Inc
MC14562B MOTOROLA-MC14562B Datasheet
187Kb / 6P
   128-BIT STATIC SHIFT REGISTER
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14006B HITACHI-HD14006B Datasheet
77Kb / 5P
   18-bit Static Shift Register
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com