전자부품 데이터시트 검색엔진 |
|
MC140XXBCPAWLYYWW 데이터시트(PDF) 7 Page - ON Semiconductor |
|
MC140XXBCPAWLYYWW 데이터시트(HTML) 7 Page - ON Semiconductor |
7 / 12 page MC14051B, MC14052B, MC14053B http://onsemi.com 7 Figure 11. Channel Resistance (RON) Test Circuit VDD VEE = VSS 10 k VDD KEITHLEY 160 DIGITAL MULTIMETER 1 kW RANGE X−Y PLOTTER TYPICAL RESISTANCE CHARACTERISTICS Figure 12. VDD = 7.5 V, VEE = − 7.5 V Figure 13. VDD = 5.0 V, VEE = − 5.0 V 350 300 250 200 150 100 0 50 −8.0 −10 −6.0 −4.0 −2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 125°C 25°C −55°C 350 300 250 200 150 100 0 50 −8.0 −10 −6.0 −4.0 −2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 125°C 25°C −55°C Figure 14. VDD = 2.5 V, VEE = − 2.5 V 700 600 500 400 300 200 0 100 −8.0 −10 −6.0 −4.0 −2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 125°C 25°C −55°C Figure 15. Comparison at 25 °C, VDD = −VEE 350 300 250 200 150 100 0 50 −8.0 −10 −6.0 −4.0 −2.0 0 0.2 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (VOLTS) TA = 25°C VDD = 2.5 V 5.0 V 7.5 V |
유사한 부품 번호 - MC140XXBCPAWLYYWW |
|
유사한 설명 - MC140XXBCPAWLYYWW |