전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5258BRMZ501 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD5258BRMZ501
상세설명  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ501 데이터시트(HTML) 4 Page - Analog Devices

  AD5258BRMZ501 Datasheet HTML 1Page - Analog Devices AD5258BRMZ501 Datasheet HTML 2Page - Analog Devices AD5258BRMZ501 Datasheet HTML 3Page - Analog Devices AD5258BRMZ501 Datasheet HTML 4Page - Analog Devices AD5258BRMZ501 Datasheet HTML 5Page - Analog Devices AD5258BRMZ501 Datasheet HTML 6Page - Analog Devices AD5258BRMZ501 Datasheet HTML 7Page - Analog Devices AD5258BRMZ501 Datasheet HTML 8Page - Analog Devices AD5258BRMZ501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5258
Rev. 0 | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
POWER SUPPLIES
Power Supply Range
VDD
2.7
5.5
V
Positive Supply Current
IDD
0.5
2
µA
Logic Supply
VLOGIC
2.7
5.5
V
Logic Supply Current
ILOGIC
VIH = 5 V or VIL = 0 V
3.5
6
µA
Programming Mode Current (EEPROM)
ILOGIC(PROG)
VIH = 5 V or VIL = 0 V
35
mA
Power Dissipation
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
20
40
µW
Power Supply Rejection Ratio
PSRR
VDD = +5 V ± 10%, Code = 0x20
±0.01
±0.06
%/%
DYNAMIC CHARACTERISTICS
Bandwidth −3 dB
BW
Code = 0x20
RAB = 1 kΩ
18000
kHz
RAB = 10 kΩ
1000
kHz
RAB = 50 kΩ
190
kHz
RAB = 100 kΩ
100
kHz
Total Harmonic Distortion
THDW
RAB = 10 kΩ, VA = 1 V rms, VB = 0,
f = 1 kHz
0.1
%
VW Settling Time
tS
RAB = 10 kΩ, VAB = 5 V,
±1 LSB error band
500
ns
Resistor Noise Voltage Density
eN_WB
RWB = 5 kΩ, f = 1 kHz
9
nV/√Hz
1 Typical values represent average readings at 25°C and V = 5 V.
DD


유사한 부품 번호 - AD5258BRMZ501

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5258BRMZ50 AD-AD5258BRMZ50 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ50-R7 AD-AD5258BRMZ50-R7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
More results

유사한 설명 - AD5258BRMZ501

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com