전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33033 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC33033
상세설명  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33033 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC33033 Datasheet HTML 4Page - ON Semiconductor MC33033 Datasheet HTML 5Page - ON Semiconductor MC33033 Datasheet HTML 6Page - ON Semiconductor MC33033 Datasheet HTML 7Page - ON Semiconductor MC33033 Datasheet HTML 8Page - ON Semiconductor MC33033 Datasheet HTML 9Page - ON Semiconductor MC33033 Datasheet HTML 10Page - ON Semiconductor MC33033 Datasheet HTML 11Page - ON Semiconductor MC33033 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MC33033
8
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1, 2, 20
BT, AT, CT
These three open collector Top Drive Outputs are designed to drive the external upper
power switch transistors.
3
Fwd//Rev
The Forward/Reverse Input is used to change the direction of motor rotation.
4, 5, 6
SA, SB, SC
These three Sensor Inputs control the commutation sequence.
7
Reference Output
This output provides charging current for the oscillator timing capacitor CT and a
reference for the Error Amplifier. It may also serve to furnish sensor power.
8
Oscillator
The Oscillator frequency is programmed by the values selected for the timing
components, RT and CT.
9
Error Amp Noninverting Input
This input is normally connected to the speed set potentiometer.
10
Error Amp Inverting Input
This input is normally connected to the Error Amp Output in open loop applications.
11
Error Amp Out/PWM Input
This pin is available for compensation in closed loop applications.
12
Current Sense Noninverting Input
A 100 mV signal, with respect to Pin 13, at this input terminates output switch conduction
during a given oscillator cycle. This pin normally connects to the top side of the current
sense resistor.
13
Gnd
This pin supplies a separate ground return for the control circuit and should be
referenced back to the power source ground.
14
VCC
This pin is the positive supply of the control IC. The controller is functional over a VCC
range of 10 to 30 V.
15, 16, 17
CB, BB, AB
These three totem pole Bottom Drive Outputs are designed for direct drive of the external
bottom power switch transistors.
18
60
°/120° Select
The electrical state of this pin configures the control circuit operation for either 60
°
(high state) or 120
° (low state) sensor electrical phasing inputs.
19
Output Enable
A logic high at this input causes the motor to run, while a low causes it to coast.


유사한 부품 번호 - MC33033

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33033DW ONSEMI-MC33033DW Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWG ONSEMI-MC33033DWG Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWR2 ONSEMI-MC33033DWR2 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033DWR2G ONSEMI-MC33033DWR2G Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033P ONSEMI-MC33033P Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
More results

유사한 설명 - MC33033

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com