전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33076 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC33076
상세설명  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC33076 Datasheet HTML 4Page - ON Semiconductor MC33076 Datasheet HTML 5Page - ON Semiconductor MC33076 Datasheet HTML 6Page - ON Semiconductor MC33076 Datasheet HTML 7Page - ON Semiconductor MC33076 Datasheet HTML 8Page - ON Semiconductor MC33076 Datasheet HTML 9Page - ON Semiconductor MC33076 Datasheet HTML 10Page - ON Semiconductor MC33076 Datasheet HTML 11Page - ON Semiconductor MC33076 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC33076
10
MOTOROLA ANALOG IC DEVICE DATA
OUTLINE DIMENSIONS
P2 SUFFIX
PLASTIC PACKAGE
CASE 648C–03
(DIP (12+2+2))
ISSUE C
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.840
18.80
21.34
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
E
0.050 BSC
1.27 BSC
F
0.040
0.70
1.02
1.78
G
0.100 BSC
2.54 BSC
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
0.300 BSC
7.62 BSC
M
0
10
0
10
N
0.015
0.040
0.39
1.01
_
_
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. INTERNAL LEAD CONNECTION BETWEEN 4 AND
5, 12 AND 13.
–A–
–B–
16
9
18
F
D
G
E
N
C
NOTE 5
16 PL
S
A
M
0.13 (0.005)
T
–T–
SEATING
PLANE
S
B
M
0.13 (0.005)
T
J 16 PL
M
L


유사한 부품 번호 - MC33076

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076D ONSEMI-MC33076D Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076DR2 ONSEMI-MC33076DR2 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076P1 ONSEMI-MC33076P1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076 ONSEMI-MC33076_1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
More results

유사한 설명 - MC33076

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com