전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33076P1 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC33076P1
상세설명  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076P1 데이터시트(HTML) 3 Page - ON Semiconductor

  MC33076P1 Datasheet HTML 1Page - ON Semiconductor MC33076P1 Datasheet HTML 2Page - ON Semiconductor MC33076P1 Datasheet HTML 3Page - ON Semiconductor MC33076P1 Datasheet HTML 4Page - ON Semiconductor MC33076P1 Datasheet HTML 5Page - ON Semiconductor MC33076P1 Datasheet HTML 6Page - ON Semiconductor MC33076P1 Datasheet HTML 7Page - ON Semiconductor MC33076P1 Datasheet HTML 8Page - ON Semiconductor MC33076P1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33076
3
MOTOROLA ANALOG IC DEVICE DATA
DC ELECTRICAL CHARACTERICISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Output Short Circuit Current (VID = ±1.0 V Output to Gnd)
(VCC = +15 V, VEE = –15 V)
Source
Sink
(VCC = +2.5 V, VEE = –2.5 V)
Source
Sink
12, 13
ISC
190
63
+250
–280
+94
–80
–215
–46
mA
Power Supply Current per Amplifier (VO = 0 V)
(VS = ±2.5 V to ±15 V)
TA = +25°C
TA = –40° to +85°C
14
ID
2.2
2.8
3.3
mA
AC ELECTRICAL CHARACTERICISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 100 Ω, CL = 100 pF, AV = +1)
15
SR
1.2
2.6
V/
µs
Gain Bandwidth Product (f = 20 kHz)
16
GBW
4.0
7.4
MHz
Unity Gain Frequency (Open Loop) (RL = 600 Ω, CL = 0 pF)
fU
3.5
MHz
Gain Margin (RL = 600 Ω, CL = 0 pF)
19, 20
Am
15
dB
Phase Margin (RL = 600 Ω, CL = 0 pF)
19, 20
∅m
52
Deg
Channel Separation (f = 100 Hz to 20 kHz)
21
CS
–120
dB
Power Bandwidth (VO = 20 Vpp, RL = 600 Ω, THD ≤ 1%)
BWp
32
kHz
Total Harmonic Distortion (RL = 600 Ω, VO = 2.0 Vpp, AV = +1)
f = 1.0 kHz
f = 10 kHz
f = 20 kHz
22
THD
0.0027
0.011
0.022
%
Open Loop Output Impedance (VO = 0 V, f = 2.5 MHz, AV = 10)
23
|ZO|
75
Differential Input Resistance (VCM = 0 V)
Rin
200
k
Differential Input Capacitance (VCM = 0 V)
Cin
10
pF
Equivalent Input Noise Voltage (RS = 100 Ω)
f = 10 Hz
f = 1.0 kHz
24
en
7.5
5.0
nV/
√Hz
Equivalent Input Noise Current
f = 10 Hz
f = 1.0 kHz
in
0.33
0.15
pA/
√Hz


유사한 부품 번호 - MC33076P1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
More results

유사한 설명 - MC33076P1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com