전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6111EVAL2 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL6111EVAL2
상세설명  Current Regulated PCI Hot Plug Power Switch Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6111EVAL2 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL6111EVAL2 Datasheet HTML 1Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 2Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 3Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 4Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 5Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 6Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 7Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 8Page - Intersil Corporation ISL6111EVAL2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Simplified Schematic
FAULTN
5VS
5VG
5VISEN
3VS
CRSET
3VISEN
12VIN
12VO
M12VIN
M12VG
M12VO
ENABLE
GND
12VIN
POWER-ON
RESET
12VIN
M12VIN
12VIN
12VIN
100µA
0.3
0.7
FAULT
VOCSET
5V ZENER
REFERENCE
12VIN
5VREF
5VREF
4.6V
12VIN
RESET
12VIN
LOW WHEN 12VIN < 10V
HIGH = SWITCHES ON
HIGH = FAULT
COMP
-
+
COMP
+
2.9V
COMP
+
-
10.6V
COMP
+
-
COMP
-
+
12VIN
12VIN
-
LATCH
PGOOD
WOC COMP
-
+
-
+
AMP
COMP
-
+
2.8V
CRTIM
20µA
12VIN
12VIN
COMP
-
+
WOC COMP
-
+
-
+
3VG
WOC COMP
-
+
AMP
AMP
COMP
-
+
WOC COMP
-
+
AMP
ISL6111


유사한 부품 번호 - ISL6111EVAL2

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL6111EVAL2 RENESAS-ISL6111EVAL2 Datasheet
803Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
More results

유사한 설명 - ISL6111EVAL2

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL6111 RENESAS-ISL6111 Datasheet
803Kb / 16P
   Current Regulated PCI Hot Plug Power Switch Controller
logo
Intersil Corporation
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
   PCI Hot Plug Controller
logo
Texas Instruments
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
[Old version datasheet]   PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
   PCI Hot Plug Controller
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
   PCI Hot Plug Controller
logo
Renesas Technology Corp
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
   PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com