|
| MC33263 |
|
||
|
ONSEMI |
|
6 page
MC33263 http://onsemi.com 6 MC33263 Wake–up Improvement – In portable applications, an immediate response to an enable signal is vital. If noise is not of concern, the MC33263 without a bypass capacitor settles in nearly 20 ms and typically delivers 65 mVRMS between 100 Hz and 100 kHz. In ultra low–noise systems, the designer needs a 10 nF bypass capacitor to decrease the noise down to 25 mVRMS between 100 Hz and 100 kHz. With the adjunction of the 10 nF capacitor, the wake–up time expands up to 1 ms as shown on the data–sheet curves. If an immediate response is wanted, following figure’s circuit gives a solution to charge the bypass capacitor with the enable signal without degrading the noise response of the MC33263. At power–on, C4 is discharged. When the control logic sends its wake–up signal by going to a high level, the PNP base is momentarily tight to ground. The PNP switch closes and immediately charges the bypass capacitor C1 toward its operating value. After a few ms, the PNP opens and becomes totally transparent to the regulator. This circuit improves the response time of the regulator which drops from 1 ms down to 30 ms. The value of C4 needs to be tweaked in order to avoid any bypass capacitor overload during the wake–up transient. Figure 4. A PNP Transistor Drives the Bypass Pin when Enable Goes High 65 4 12 3 MC33263 ++ C2 1.0 mF C3 1.0 mF Input Output C4 470 pF C1 10 nF R2 220 k MMBT2902LT1 Q1 On/Off Figure 5. MC33263 Wake–up Improvement with Small PNP Transistor MC33263 Without Wake–up Improvement (Typical Response) MC33263 With Wake–up Improvement (Typical Response) 1 ms 30 ms |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| NCP623 | Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control | 1 2 3 4 5 More | ON Semiconductor |
| NJM2898 | 2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 More | New Japan Radio |
| MC33761 | Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control | 1 2 3 4 5 More | ON Semiconductor |
| SC1453 | 150mA Ultra Low Dropout Regulator with Low Noise Bypass | 1 2 3 4 5 | Semtech Corporation |
| NJM2396 | LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL | 1 2 3 4 5 More | New Japan Radio |
| LDO58 | IP Library: Ultra Low Noise Low power 100mA Low Dropout Voltage Regulator | 1 2 3 4 | STMicroelectronics |
| LDO59 | IP Library: Ultra Low Noise High PSRR Low Power 20mA Low Dropout Voltage Regulator | 1 2 3 4 | STMicroelectronics |
| NJM2863 | Ultra Low Noise Low Dropout Voltage Regulator | 1 2 3 4 5 More | New Japan Radio |
| NJM2386 | LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL | 1 2 3 4 5 More | New Japan Radio |
| MC33765 | Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |