|
| MC33263 |
|
||
|
ONSEMI |
|
5 page
MC33263 http://onsemi.com 5 If TJmax is internally limited to 150°C, then the MC33263 can dissipate up to 595 mW @ 25 °C. The power dissipated by the MC33263 can be calculated from the following formula: Ptot + V in @ I gnd (Iout) ) Vin * Vout @ Iout or Vinmax + Ptot ) V out @ Iout I gnd ) Iout If a 150 mA output current is needed, the ground current is extracted from the data–sheet curves: 6.5 mA @ 150 mA. For a MC33263NW28R2 (2.8 V), the maximum input voltage will then be 6.48 V, a rather comfortable margin. Typical Application – The following figure portraits the typical application for the MC33263 where both input/output decoupling capacitors appear. Figure 1. A Typical MC33263 Application with Recommended Capacitor Values 65 4 12 3 Input Output C3 1.0 mF C2 1.0 mF C1 10 nF On/Off MC33263 As for any low noise designs, particular care has to be taken when tackling Printed Circuit Board (PCB) layout. The following figure gives an example of a layout where stray inductances/capacitances are minimized. Figure 2. Printed Circuit Board Figure 3. Copper Side Component Layout Input Output ON/OFF Differential (Vin–Vout) MC33263 C2 C3 C1 ++ Rpull–up This layout is the basis for an MC33263 performance evaluation board where the BNC connectors give the user an easy and quick evaluation mean. |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| NCP623 | Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control | 1 2 3 4 5 More | ON Semiconductor |
| NJM2898 | 2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 More | New Japan Radio |
| MC33761 | Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control | 1 2 3 4 5 More | ON Semiconductor |
| SC1453 | 150mA Ultra Low Dropout Regulator with Low Noise Bypass | 1 2 3 4 5 | Semtech Corporation |
| NJM2396 | LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL | 1 2 3 4 5 More | New Japan Radio |
| LDO58 | IP Library: Ultra Low Noise Low power 100mA Low Dropout Voltage Regulator | 1 2 3 4 | STMicroelectronics |
| LDO59 | IP Library: Ultra Low Noise High PSRR Low Power 20mA Low Dropout Voltage Regulator | 1 2 3 4 | STMicroelectronics |
| NJM2863 | Ultra Low Noise Low Dropout Voltage Regulator | 1 2 3 4 5 More | New Japan Radio |
| NJM2386 | LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL | 1 2 3 4 5 More | New Japan Radio |
| MC33765 | Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |