전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X1228S14-2.7 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 X1228S14-2.7
상세설명  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228S14-2.7 데이터시트(HTML) 1 Page - Intersil Corporation

  X1228S14-2.7 Datasheet HTML 1Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 2Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 3Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 4Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 5Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 6Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 7Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 8Page - Intersil Corporation X1228S14-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
FN8100.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X1228
4K (512 x 8), 2-WireRTC
Real Time Clock/Calendar/CPU
Supervisor with EEPROM
FEATURES
• Real Time Clock/Calendar
— Tracks time in Hours, Minutes, and Seconds
— Day of the Week, Day, Month, and Year
• 2 Polled Alarms (Non-volatile)
— Settable on the Second, Minute, Hour, Day of the
Week, Day, or Month
— Repeat Mode (periodic interrupts)
• Oscillator Compensation on chip
— Internal feedback resistor and compensation
capacitors
— 64 position Digitally Controlled Trim Capacitor
— 6 digital frequency adjustment settings to
±30ppm
• CPU Supervisor Functions
— Power-on Reset, Low Voltage Sense
— Watchdog Timer (SW Selectable: 0.25s, 0.75s,
1.75s, off)
• Battery Switch or Super Cap Input
• 512 x 8 Bits of EEPROM
— 64-Byte Page Write Mode
— 8 modes of Block Lock™ Protection
— Single Byte Write Capability
• High Reliability
— Data Retention: 100 years
— Endurance: 100,000 cycles per byte
• 2-Wire™ Interface interoperable with I2C*
— 400kHz data transfer rate
• Frequency Output (SW Selectable: Off, 1Hz,
4096Hz, or 32.768kHz)
•Low Power CMOS
— 1.25µA Operating Current (Typical)
• Small Package Options
— 14 Ld SOIC and 14 Ld TSSOP
• Repetitive Alarms
• Temperature Compensation
• Pb-Free Plus Anneal Available (RoHS Compliant)
APPLICATIONS
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set Top Box/Television
•Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
Control/
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
RESET
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
4K
EEPROM
ARRAY
Watchdog
Timer
Low Voltage
Reset
Registers
Status
(SRAM)
Select
PHZ/IRQ
VCC
VBACK
32.768kHz
(SRAM)
Battery
Circuitry
Switch
OSC Compensation
Data Sheet
October 17, 2005


유사한 부품 번호 - X1228S14-2.7

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X1228S14-2.7 XICOR-X1228S14-2.7 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14-2.7 INTERSIL-X1228S14-2.7 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228S14-2.7 RENESAS-X1228S14-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228S14-2.7A XICOR-X1228S14-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14-2.7A INTERSIL-X1228S14-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

유사한 설명 - X1228S14-2.7

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com