전자부품 데이터시트 검색엔진 |
|
SN74SSTVF16859GR 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
SN74SSTVF16859GR 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 11 page SN74SSTVF16859 13BIT TO 26BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS SCES429B − MARCH 2003 − REVISED FEBRUARY 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics for TSSOP over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 2.5 V ± 0.2 V† UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX UNIT fmax 500 MHz tpd‡ CLK and CLK Q 1.1 2.5 ns tPHL RESET Q 5 ns † For this test condition, VDDQ always is equal to VCC. ‡ Single-bit switching switching characteristics for QFN over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 2.5 V ± 0.2 V† VCC = 2.6 V ± 0.1 V† UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX UNIT fmax 500 500 MHz tpd‡ CLK and CLK Q 1.1 2.5 1.1 2.2 ns tPHL RESET Q 5 5 ns † For this test condition, VDDQ always is equal to VCC. ‡ Single-bit switching output slew rates over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC = 2.5 V ± 0.2 V† VCC = 2.6 V ± 0.1 V† UNIT PARAMETER FROM TO MIN MAX MIN MAX UNIT dV/dt_r 20% 80% 1 4 1 4 V/ns dV/dt_f 80% 20% 1 4 1 4 V/ns dV/dt_ ∆§ 20% or 80% 80% or 20% 1 1 V/ns † For this test condition, VDDQ always is equal to VCC. § Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate). |
유사한 부품 번호 - SN74SSTVF16859GR |
|
유사한 설명 - SN74SSTVF16859GR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |