전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C031 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 AM79C031
상세설명  Advanced Subscriber Line Interface Circuit (ASLIC) Device
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C031 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM79C031 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
Am79213/Am79C203/031 Data Sheet
ORDERING INFORMATION (continued)
ASLAC Device
Must order Am79213 with the device below.
Am79C203/031
J
C
TEMPERATURE RANGE
C = Commercial (0
°C to 70°C)*
PACKAGE TYPE
J = 32-pin Plastic Leaded Chip Carrier (PL032)
Am79C203 only
J = 44-pin Plastic Leaded Chip Carrier (PL044)
Am79C2031 only
DEVICE NUMBER/DESCRIPTION
Am79C203/031
Advanced Subscriber Line Audio-processing Circuit
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local Legerity sales office to confirm availabil-
ity of specific valid combinations and to check on
newly released combinations.
Valid Combinations
Am79C203
JC
Am79C2031
Note:
* Functionality of the device from 0°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C
is guaranteed by characterization and periodic sampling of production units.


유사한 부품 번호 - AM79C031

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM79C031 AMD-AM79C031 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C031A AMD-AM79C031A Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C031AJC AMD-AM79C031AJC Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C031JC AMD-AM79C031JC Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
More results

유사한 설명 - AM79C031

제조업체부품명데이터시트상세설명
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com