전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33063AVD 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC33063AVD
상세설명  DC-to-DC CONVERTER CONTROL CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AVD 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC33063AVD Datasheet HTML 4Page - ON Semiconductor MC33063AVD Datasheet HTML 5Page - ON Semiconductor MC33063AVD Datasheet HTML 6Page - ON Semiconductor MC33063AVD Datasheet HTML 7Page - ON Semiconductor MC33063AVD Datasheet HTML 8Page - ON Semiconductor MC33063AVD Datasheet HTML 9Page - ON Semiconductor MC33063AVD Datasheet HTML 10Page - ON Semiconductor MC33063AVD Datasheet HTML 11Page - ON Semiconductor MC33063AVD Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC34063A MC33063A
8
MOTOROLA ANALOG IC DEVICE DATA
5.45
′′
2.500
′′
(Top view, copper foil as seen through the board from the component side)
(Top View, Component Side)
*Optional Filter.
Figure 13. Printed Circuit Board and Component Layout
(Circuits of Figures 7, 9, 11)
MC34063A
MC34063A
MC34063A
INDUCTOR DATA
Converter
Inductance (
µH)
Turns/Wire
Step–Up
170
38 Turns of #22 AWG
Step–Down
220
48 Turns of #22 AWG
Voltage–Inverting
88
28 Turns of #22 AWG
All inductors are wound on Magnetics Inc. 55117 toroidal core.


유사한 부품 번호 - MC33063AVD

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33063AVD ONSEMI-MC33063AVD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063AVD ONSEMI-MC33063AVD Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063AVD ONSEMI-MC33063AVD Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVD ONSEMI-MC33063AVD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVD ONSEMI-MC33063AVD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results

유사한 설명 - MC33063AVD

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com