전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP3N50C 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FQP3N50C
상세설명  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP3N50C 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FQP3N50C Datasheet HTML 1Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 2Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 3Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 4Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 5Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 6Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 7Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 8Page - Fairchild Semiconductor FQP3N50C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FQP3N50C/FQPF3N50C Rev. A
Typical Performance Characteristics (Continued)
Figure 11-1. ransient Thermal Response Curve of FQP3N50C
Figure 11-2. ransient Thermal Response Curve of FQPF3N50C
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N otes :
1. Z
θJC
(t) = 2 °C/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - T C = P DM * Z θJC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, S quare W a ve P u lse D ura tion [sec]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
Notes :
1. Z
θJC
(t) = 4.9 °C/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - T C = P DM * Z θJC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Sq u are W ave P ulse D uration [sec]


유사한 부품 번호 - FQP3N50C

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQP3N50C ISC-FQP3N50C Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

유사한 설명 - FQP3N50C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com