전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD130F120 데이터시트(PDF) 2 Page - SanRex Corporation

부품명 PD130F120
상세설명  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANREX [SanRex Corporation]
홈페이지  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD130F120 데이터시트(HTML) 2 Page - SanRex Corporation

  PD130F120 Datasheet HTML 1Page - SanRex Corporation PD130F120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PK(PD,PE,KK)130F
;
;
10
10
10
−1
10
10
10
Peak Forward Gate Voltage(10V)
Peak
Gate
Power
10W
Average
Gate
Power
(3
W)
Maximum Gate Voltage that will not trigger any unit
125℃ 25℃
−30℃
Gate Current(mA)
Gate Characteristics
10
3
0.5
1.
1.5
3.
2.
2.
10
10
2
On-State Voltage max
On-State Voltage(V)
Per one element
D.C.
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
: Conduction Angle
360
2
160
140
120
40
100
260
240
80
60
220
180
200
20
100
200
60
40
220
80
120 140 160 180
20
Average On-State Current Vs Power Dissipation
(Single phase half wave)
Average On-State Current(A)
Per one element
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
D.C.
: Conduction Angle
360
2
130
120
100
110
90
80
60
70
50
20
60
200
180
40
220
80
140 160
120
100
Average On-State Current Vs Maximum Allowable
Case Temperature(Single phase half wave)
Average On-State Current(A)
5000
4000
2000
3000
1000
10
10
0
10
2
Per one element
60Hz
50Hz
j=25℃ start
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
0.
0.
10
−3
10
−2
10
−1
10
1
10
Per one element
Junction to case
Transient Thermal Impedance
Time
t(sec)
Conduction Angle 180゜
Rth:0.5℃/W
Rth:0.4℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
W3
B6
B2
W1
90
100
110
120
125
100
200
300
100
80
20 40 60
120
1000
800
600
400
200
Output Current
W1;Bidirectional connection
Output Current(A)
Ambient Temperature(℃)
Id(Ar.m.s.)
Rth:0.5℃/W
Rth:0.4℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
Rth:0.5℃/W
Rth:0.4℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
40
20
60 80
120
100
100
110
120
125
100
90
90
110
120
125
40 60
20
80
120
100
B2;Two Pluse bridge connection
Ambient Temperature(℃)
Ambient Temperature(℃)
B6;Six pulse bridge connection
W3;Three phase
bidiretional connection
Id(Aav.)
Id(Aav.)
Id(Ar.m.s.)


유사한 부품 번호 - PD130F120

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
PD1300-HF OPTOWAY-PD1300-HF Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD1300-HFA OPTOWAY-PD1300-HFA Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD1300-HS OPTOWAY-PD1300-HS Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD1300-HSA OPTOWAY-PD1300-HSA Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD1300-HT OPTOWAY-PD1300-HT Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
More results

유사한 설명 - PD130F120

제조업체부품명데이터시트상세설명
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com