전자부품 데이터시트 검색엔진 |
|
ULN2824LW 데이터시트(PDF) 4 Page - Allegro MicroSystems |
|
ULN2824LW 데이터시트(HTML) 4 Page - Allegro MicroSystems |
4 / 11 page 2803 THRU 2824 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS www.allegromicro.com 3 Test Applicable Limits Characteristic Symbol Fig. Devices Test Conditions Min. Typ. Max. Units Output Leakage Current ICEX 1A All VCE = 50 V, TA = 25°C— < 1 50 µA VCE = 50 V, TA = 70°C — < 1 100 µA 1B ULx2804x VCE = 50 V, TA = 70°C, VIN = 1.0 V — < 5 500 µA Collector-Emitter VCE(SAT) 2 All IC = 100 mA, IB = 250 µA — 0.9 1.1 V Saturation Voltage lC = 200 mA, IB = 350 µA — 1.1 1.3 V IC = 350 mA, IB = 500 µA — 1.3 1.6 V Input Current IIN(ON) 3 ULx2803x VIN = 3.85 V — 0.93 1.35 mA ULx2804x VIN = 5.0 V — 0.35 0.5 mA VIN = 12 V — 1.0 1.45 mA IIN(OFF) 4 All lC = 500 µA, TA = 70°C50 65 — µA Input Voltage VIN(ON) 5 ULx2803x VCE = 2.0 V, lC = 200 mA — — 2.4 V VCE = 2.0 V, IC = 250 mA — — 2.7 V VCE = 2.0 V, lC = 300 mA — — 3.0 V ULx2804x VCE = 2.0 V, lC = 125 mA — — 5.0 V VCE = 2.0 V, lC = 200 mA — — 6.0 V VCE = 2.0 V, IC = 275 mA — — 7.0 V VCE = 2.0 V, lC = 350 mA — — 8.0 V Input Capacitance CIN — All — 15 25 pF Turn-On DelaytPLH 8 All 0.5 EIN to 0.5 EOUT — 0.25 1.0 µs Turn-Off DelaytPHL 8 All 0.5 EIN to 0.5 EOUT — 0.25 1.0 µs Clamp Diode IR 6 All VR = 50 V, TA = 25°C— — 50 µA Leakage Current VR = 50 V, TA = 70°C — — 100 µA Clamp Diode VF 7 All IF = 350 mA — 1.7 2.0 V Forward Voltage Complete part number includes prefix to operating temperature range: ULN = -20 °C to +85°C, ULQ = -40°C to +85°C and a suffix to identify package style: A = DIP, LW = SOIC. Types ULx2803A, ULx2803LW, ULx2804A, and ULx2804LW ELECTRICAL CHARACTERISTICS at +25 °C (unless otherwise noted). The ULx2804 is discontinued. Shown for reference only. |
유사한 부품 번호 - ULN2824LW |
|
유사한 설명 - ULN2824LW |