전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33064DM-5R2 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC33064DM-5R2
상세설명  UNDERVOLTAGE SENSING CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064DM-5R2 데이터시트(HTML) 2 Page - ON Semiconductor

  MC33064DM-5R2 Datasheet HTML 1Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 2Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 3Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 4Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 5Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 6Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 7Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 8Page - ON Semiconductor MC33064DM-5R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC34064, MC33064, NCV33064
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Input Supply Voltage
Vin
−1.0 to 10
V
Reset Output Voltage
VO
10
V
Reset Output Sink Current (Note 2)
ISink
Internally
Limited
mA
Clamp Diode Forward Current, Pin 1 to 2 (Note 2)
IF
100
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
D Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
DM Suffix, Plastic Package
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
PD
RqJA
625
200
625
200
520
240
mW
°C/W
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
MC34064
MC33064
NCV33064
TA
0 to +70
−40 to +85
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range
that applies [Notes 3 and 4] unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
COMPARATOR
Threshold Voltage
High State Output (Vin Increasing)
Low State Output (Vin Decreasing)
Hysteresis
VIH
VIL
VH
4.5
4.5
0.01
4.61
4.59
0.02
4.7
4.7
0.05
V
RESET OUTPUT
Output Sink Saturation
(Vin = 4.0 V, ISink = 8.0 mA)
(Vin = 4.0 V, ISink = 2.0 mA)
(Vin = 1.0 V, ISink = 0.1 mA)
VOL
0.46
0.15
1.0
0.4
0.1
V
Output Sink Current (Vin, Reset = 4.0 V)
ISink
10
27
60
mA
Output Off-State Leakage (Vin, Reset = 5.0 V)
IOH
0.02
0.5
mA
Clamp Diode Forward Voltage, Pin 1 to 2 (IF = 10 mA)
VF
0.6
0.9
1.2
V
TOTAL DEVICE
Operating Input Voltage Range
Vin
1.0 to 6.5
V
Quiescent Input Current (Vin = 5.0 V)
Iin
390
500
mA
2. Maximum package power dissipation limits must be observed.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. Tlow
=0
°C for MC34064
Thigh = +70°C for MC34064
−40
°C for MC33064
+85
°C for MC33064
−40
°C for NCV33064
+125
°C for NCV33064
5. NCV prefix is for automotive and other applications requiring site and change control.


유사한 부품 번호 - MC33064DM-5R2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33064DM-5R2 ONSEMI-MC33064DM-5R2 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064DM-5R2G ONSEMI-MC33064DM-5R2G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064DM-5R2G ONSEMI-MC33064DM-5R2G Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

유사한 설명 - MC33064DM-5R2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com