전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-3090KM-TL 데이터시트(PDF) 8 Page - Allegro MicroSystems

부품명 SI-3090KM-TL
상세설명  1 A, Low-Dropout, 9.0 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3090KM-TL 데이터시트(HTML) 8 Page - Allegro MicroSystems

  SI-3090KM-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3090KM-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SI-3090KM
1 A, Low-Dropout,
9.0 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
8
Tape and Reel Dimensions in Millimeters
W1: 16.4 +2/-0 mm
W2: 22.4 mm Max.
W3: 16.4 +3/-0.5 mm


유사한 부품 번호 - SI-3090KM-TL

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3090KM ALLEGRO-SI-3090KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3090KM SANKEN-SI-3090KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

유사한 설명 - SI-3090KM-TL

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3010KM ALLEGRO-SI-3010KM Datasheet
349Kb / 9P
    1 A, Low-Dropout, 1.0~16 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
   1 A, Low-Dropout, 1.28~15 V Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com