전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16HT1G 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 BAS16HT1G
상세설명  Small Signal Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAS16HT1G 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  BAS16HT1G Datasheet HTML 1Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 2Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 3Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 4Page - Fairchild Semiconductor BAS16HT1G Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
BAS16HT1G, Rev. A
Typical Characteristics (Continued)
Figure 7. Reverse Recovery Time vs Reverse Current
TRR - IR 10mA vs 60mA
Figure 8. Average Rectified Current (IF(AV)) vs
Ambient Temperature (TA)
Figure 9. Power Derating Curve
IRR (Reverse Recov ery Current) = 1.0 mA - Rloop = 100 Ohms
10
20
30
40
50
60
1
1.5
2
2.5
3
3.5
4
Reverse Current [mA]
Ta= 25
°C
050
100
150
0
100
200
300
400
500
I
- F
ORW
ARD
C
URRE
NT
S
TE
AD
Y S
TA
TE
- m
A
o
R
A
Io - AV
ERAG
E RE
CTIFIE
D CURRE
NT - m
A
05 0
1 0 0
1 5 0
0
10 0
20 0
30 0
40 0
I
F(
A V
)
- AVE
RAG
E
RE
CT
IF IE
D
CURR
EN
T -
m
A
Ambient Temperature, T
A
[ C]
o
0
50
100
150
200
0
100
200
300
400
500
SOD-323 Pkg
SOT-23 Pkg
DO-35 Pkg
Average Temperature, I
o [
o
C]


유사한 부품 번호 - BAS16HT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
45Kb / 4P
   Switching Diode
March, 2005 ??Rev. 4
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
95Kb / 4P
   Switching Diode
June, 2013 ??Rev. 10
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
   200mA Surface Mount Switching Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
60Kb / 4P
   Switching Diode
April, 2016 ??Rev. 12
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
217Kb / 5P
   Small Signal Diode
More results

유사한 설명 - BAS16HT1G

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com