전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2559MP15X 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FAN2559MP15X
상세설명  180mA Low Voltage CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2559MP15X 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FAN2559MP15X Datasheet HTML 1Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 2Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 3Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 4Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 5Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 6Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 7Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 8Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PRODUCT SPECIFICATIONS
FAN2558/FAN2559
REV. 1.0.4 3/15/04
3
Absolute Maximum Ratings
Recommended Operating Conditions
Notes:
1. Using Mil Std. 883E, method 3015.7 (Human Body Model) and EIA/JESD22C101-A (Charge Device Model)
2. Junction to ambient thermal resistance,
ΘJC, is a strong function of PCB material, board thickness, thickness and number of
copper plains, number of via used, diameter of via used, available copper surface, and attached heat sink characteristics.
Parameter
Min.
Max.
Units
VIN to GND
6V
Voltage on any other pin to GND
-0.3
VIN + 0.3
V
Junction Temperature (TJ)
-55
150
°C
Storage Temperature
-65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Power Dissipation (PD)
Internally
Limited
W
Electrostatic Discharge (ESD) Protection (Note1)
HBM
4
kV
CDM
1
Parameter
Min.
Typ.
Max.
Units
Supply Voltage Range, VIN for VOUT < 2.0V
2.7
5.5
V
Supply Voltage Range, VIN for VOUT ≥ 2.0V
VOUT + VDROPOUT
5.5
V
Load Current
180
mA
Enable Input Voltage VEN
0VIN
V
Power Good Output Voltage Range VPG
0VIN
V
Junction Temperature
-40
125
°C
Thermal Resistance-Junction to Ambient SOT-23 (Note 2)
235
°C/W
Thermal Resistance-Junction to Case, 2mm x 2mm
6-lead MLP
75


유사한 부품 번호 - FAN2559MP15X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN2559MP15X ONSEMI-FAN2559MP15X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
More results

유사한 설명 - FAN2559MP15X

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com