전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59420IUZ 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL59420IUZ
상세설명  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59420IUZ 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL59420IUZ Datasheet HTML 1Page - Intersil Corporation ISL59420IUZ Datasheet HTML 2Page - Intersil Corporation ISL59420IUZ Datasheet HTML 3Page - Intersil Corporation ISL59420IUZ Datasheet HTML 4Page - Intersil Corporation ISL59420IUZ Datasheet HTML 5Page - Intersil Corporation ISL59420IUZ Datasheet HTML 6Page - Intersil Corporation ISL59420IUZ Datasheet HTML 7Page - Intersil Corporation ISL59420IUZ Datasheet HTML 8Page - Intersil Corporation ISL59420IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN7459.1
September 22, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/
µs
IN- Input Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Digital & Analog Input Current (Note 1) . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
θJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, RL = 500Ω to GND unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
±IS Enabled
Supply Current
No load, VIN = 0V, ENABLE Low
9.5
11
13
mA
IS Disabled
Disabled Supply Current I+
No load, VIN = 0V, ENABLE High
0.5
1
1.5
mA
Disabled Supply Current I-
No load, VIN = 0V, ENABLE High
3
10
µA
VOUT
Positive Output Swing
VIN = 2V, RL = 500Ω, AV = 2
3.5
3.9
V
Negative Output Swing
VIN = -2V, RL = 500Ω, AV = 2
-3
-2.8
V
IOUT
Output Current
RL = 10Ω to GND
80
130
mA
VOS
Output Offset Voltage
-12
4
+12
mV
Ib+
Input Bias Current
VIN = 0V
-4
-2.5
-1.5
µA
Ib-
Feedback Bias Current
-15
7
15
µA
Rout
Output Resistance
HIZ = logic high, (DC), AV = 1
1.4
M
HIZ = logic low, (DC), AV = 1
0.2
RIN
Input Resistance
VIN = 3.5V
10
M
ACL or AV
Voltage Gain
RF = RG = 600Ω, VOUT = ±3V
1.990
2.005
2.020
V/V
ITRI
Output Current in Three-state
VOUT = 0V
-20
6
20
µA
LOGIC
VH
Input High Voltage (Logic Inputs)
2
V
VL
Input Low Voltage (Logic Inputs)
0.8
V
IIH
Input High Current (Logic Inputs)
55
90
135
µA
IIL
Input Low Current (Logic Inputs)
-10
0
10
µA
AC GENERAL
- 3dB BW
-3dB Bandwidth
AV = 1, RF = 200Ω, VOUT = 400MVP-P,
CL = 5.5pF, CG = 0.6pF
420
MHz
AV = 2, RF = RG = 453Ω, VOUT = 2VP-P,
CL = 5.5pF, CG = 0.6pF
165
MHz
ISL59420


유사한 부품 번호 - ISL59420IUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59420IUZ RENESAS-ISL59420IUZ Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420IUZ-T13 INTERSIL-ISL59420IUZ-T13 Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59420IUZ-T13 RENESAS-ISL59420IUZ-T13 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420IUZ-T7 INTERSIL-ISL59420IUZ-T7 Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
More results

유사한 설명 - ISL59420IUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com