전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59424IR-T7 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL59424IR-T7
상세설명  1GHz Triple Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424IR-T7 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL59424IR-T7 Datasheet HTML 1Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 2Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 3Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 4Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 5Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 6Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 7Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 8Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN7456.2
September 8, 2005
Xtalk
Channel Cross Talk (ISL59424)
f = 10MHz, CL = 0.5pF, VIN = -6dBm
75
dB
Channel Cross Talk (ISL59445)
70
dG
Differential Gain Error
NTC-7, RL = 150, CL = 0.5pF
0.02
%
dP
Differential Phase Error
NTC-7, RL = 150, CL = 0.5pF
0.02
°
BW
-3dB Bandwidth
CL = 0.5pF
1000
MHz
FBW
0.1dB Bandwidth
CL = 0.5pF
130
MHz
0.1dB Bandwidth
CL = 1.5pF
200
MHz
SWITCHING CHARACTERISTICS
SR
Slew Rate
25% to 75%, RL = 150Ω, Input Enabled,
CL = 1.5pF, VIN = ±1V
±1200
V/µs
VGLITCH
ISL58424
Channel -to-Channel Switching Glitch
VIN = 0V, CL = 0.5pF
40
mVP-P
Enable Switching Glitch
VIN = 0V, CL = 0.5pF
300
mVP-P
HIZ Switching Glitch
VIN = 0V, CL = 0.5pF
200
mVP-P
VGLITCH
ISL59445
Channel -to-Channel Switching Glitch
VIN = 0V, CL = 0.5pF
20
mVP-P
Enable Switching Glitch
VIN = 0V, CL = 0.5pF
200
mVP-P
HIZ Switching Glitch
VIN = 0V, CL = 0.5pF
200
mVP-P
tSW-L-H
Channel Switching Time Low to High
1.2V logic threshold to 10% movement of
analog output
15
ns
tSW-H-L
Channel Switching Time High to Low
1.2V logic threshold to 10% movement of
analog output
15
ns
tr
Rise Time
10% to 90%
600
ps
tf
Fall Time
10% to 10%
800
ps
tpd
Propagation Delay
10% to 10%
600
ps
tS
0.1% Settling Time
Step = 1V
6
ns
tLH
Latch Enable HoldTime
LE = 0V
10
ns
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, VIN = 1VP-P & RL = 500Ω to GND unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified.
FIGURE 1. GAIN vs FREQUENCY vs CL
FIGURE 2. GAIN vs FREQUENCY vs RL
-10
-8
-6
-4
-2
0
2
4
6
8
10
110
100
1K
FREQUENCY (MHz)
CL=1.5pF
CL=5.2pF
CL=2.7pF
CL=0.5pF
SOURCE
POWER=-12dBm
CL=3.8pF
CL INCLUDES 0.5pF
BOARD CAPACITANCE
1.2K
CL=8.7pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
10
100
1.2K
FREQUENCY (MHz)
RL=1kΩ
RL=150Ω
SOURCE
POWER=-12dBm
RL=500Ω
1K
RL=100Ω
ISL59424, ISL59445


유사한 부품 번호 - ISL59424IR-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59424IRZ RENESAS-ISL59424IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59424IRZ-T13 RENESAS-ISL59424IRZ-T13 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T7 INTERSIL-ISL59424IRZ-T7 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results

유사한 설명 - ISL59424IR-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com