전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59424IR-T7 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL59424IR-T7
상세설명  1GHz Triple Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424IR-T7 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL59424IR-T7 Datasheet HTML 4Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 5Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 6Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 7Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 8Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 9Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 10Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 11Page - Intersil Corporation ISL59424IR-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN7456.2
September 8, 2005
Pin Descriptions
ISL59445
(32-PIN QFN)
ISL59424
(24-PIN QFN)
PIN
NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
5
IN1A
Circuit 1.
Channel 1 input for output amplifier "A"
2, 4, 8, 13, 15,
24, 28, 30
2, 8, 10, 11,
21, 22
NIC
Not Internally Connected; it is recommended these pins be tied to ground to
minimize crosstalk.
3
7
IN1B
Circuit 1.
Channel 1 input for output amplifier "B"
5
9
IN1C
Circuit 1.
Channel 1 input for output amplifier "C"
6
4
GNDB
Circuit 4.
Ground pin for output amplifier “B”
7
IN2A
Circuit 1.
Channel 2 input for output amplifier "A"
9
IN2B
Circuit 1.
Channel 2 input for output amplifier "B"
10
IN2C
Circuit 1.
Channel 2 input for output amplifier "C"
11
6
GNDC
Circuit 4.
Ground pin for output amplifier “C”
12
IN3A
Circuit 1.
Channel 3 input for output amplifier "A"
14
IN3B
Circuit 1.
Channel 3 input for output amplifier "B"
16
IN3C
Circuit 1.
Channel 3 input for output amplifier "C"
17
S1
Circuit 2.
Channel selection pin MSB (binary logic code)
18
13
S0
Circuit 2.
Channel selection pin. LSB (binary logic code)
19
14
OUTC
Circuit 3.
Output of amplifier “C”
20
16
OUTB
Circuit 3.
Output of amplifier “B”
21
15
V-
Circuit 4.
Negative power supply
22
18
OUTA
Circuit 3.
Output of amplifier “A”
23
17
V+
Circuit 4.
Positive power supply
25
19
ENABLE
Circuit 2.
Device enable (active low). Internal pull-down resistor ensures the device will be
active with no connection to this pin. A logic High on this pin puts device into power-
down mode. In power-down mode only logic circuitry is active. All logic states are
preserved post power-down. This state is not recommended for logic control where
more than one MUX-amp share the same video output line.
12
LE
Circuit 2.
Device latch enable on the ISL59424. A logic high on LE will latch the last (S0, S1)
logic state. HIZ and ENABLE functions are not latched with the LE pin.
26
20
HIZ
Circuit 2.
Output disable (active high). Internal pull-down resistor ensures the device will be
active with no connection to this pin. A logic high, puts the outputs in a high
impedance state. Use this state to control logic when more than one MUX-amp
share the same video output line.
27
3
IN0C
Circuit 1.
Channel 0 for output amplifier "C"
29
1
IN0B
Circuit 1.
Channel 0 for output amplifier "B"
31
23
IN0A
Circuit 1.
Channel 0 for output amplifier "A"
32
24
GNDA
Circuit 4.
Ground pin for output amplifier “A”
IN
V+
V-
LOGIC PIN
V+
V-
GND.
33K
21K
+
-
1.2V
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
V-
V+
GNDB
CAPACITIVELY
COUPLED
ESD CLAMP
GNDC
GNDA
CIRCUIT 4
V-
THERMAL HEAT SINK PAD
~1M
SUBSTRATE
ISL59424, ISL59445
.


유사한 부품 번호 - ISL59424IR-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59424IRZ RENESAS-ISL59424IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59424IRZ-T13 RENESAS-ISL59424IRZ-T13 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T7 INTERSIL-ISL59424IRZ-T7 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results

유사한 설명 - ISL59424IR-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com