전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59421IUZ-T13 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL59421IUZ-T13
상세설명  865MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59421IUZ-T13 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL59421IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59421IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN7458.1
September 21, 2005
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified.
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs RL
FIGURE 3. LARGE SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 4. LARGE SIGNAL GAIN vs FREQUENCY vs RL
FIGURE 5. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 6. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
110
100
1000
FREQUENCY (MHz)
CL = 7.2pF
CL =1.6pF
AV = 1
CL = 4.9pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL =9.7pF
VOUT = 100mVP-P
-5
-4
-3
-2
-1
0
1
2
3
4
5
RF = 357Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
110
100
FREQUENCY (MHz)
RL =1kΩ
RL =150Ω
AV = 1
VOUT = 100mVP-P
RL = 500Ω
1000
RL =75Ω
CL =4.9pF
RF = 357Ω
110
100
1000
FREQUENCY (MHz)
CL = 7.2pF
CL = 1.6pF
CL = 6.3pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
AV = 2
VOUT = 2VP-P
RG = RF = 100Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
110
100
FREQUENCY (MHz)
RL = 1kΩ
RL = 150Ω
RL = 500Ω
1000
AV = 2
VOUT = 2VP-P
CL= 4.9pF
RG = RF = 100Ω
RL = 75Ω
110
100
1000
FREQUENCY (MHz)
CL = 7.2pF
CL = 1.6pF
AV = 1
CL = 4.9pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
VOUT = 100mVP-P
RF = 357Ω
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
110
100
FREQUENCY (MHz)
RL=1kΩ
AV = 1
VOUT = 100mVP-P
RL = 500Ω
1000
RL = 75Ω
CL = 4.9pF
RF = 357Ω
RL = 150Ω
ISL59421


유사한 부품 번호 - ISL59421IUZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59421IUZ-T13 RENESAS-ISL59421IUZ-T13 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
More results

유사한 설명 - ISL59421IUZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com