전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59444IBZ-T13 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL59444IBZ-T13
상세설명  1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59444IBZ-T13 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL59444IBZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59444IBZ-T13 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN7451.1
September 21, 2005
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
IN0
Circuit 1
Input for channel 0
2, 6, 8
NIC
Not Internally Connected; it is recommended this pin be tied to ground to minimize
crosstalk.
3
IN1
Circuit 1
Input for channel 1
4
GND
Circuit 4
Ground pin
5
IN2
Circuit 1
Input for channel 2
7
IN3
Circuit 1
Input for channel 3
9
V -
Circuit 4
Negative Power Supply
10
LE1
Circuit 2
Synchronized channel switching: When LE1 is low, the master control latch loads the
next switching address. The Mux Amp is configured for this address when LE2 goes low.
Synchronized operation results when LE2 is the inverse of LE1. Channel selection is
asynchronous (changes with any control signal change) if both LE1 and LE2 are both
low.
11
LE2
Circuit 2
Synchronized channel switching: When LE2 is low, the newly selected channel, stored
in the master latch via LE1 is selected. Synchronized operation results when LE2 is the
inverse of LE1. Channel selection is asynchronous (changes with any control signal
change) if both LE1 and LE2 are both low.
12
OUT
Circuit 3
Output
13
HIZ
Circuit 2
Output disable (active high); there are internal pull-down resistors, so the device will be
active with no connection; "HI" puts the output in high impedance state.
14
S1
Circuit 2
Channel selection pin MSB (binary logic code)
15
S0
Circuit 2
Channel selection pin LSB (binary logic code)
16
V+
Circuit 4
Positive power supply
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
1.250W
θ
JA =8
0°C
/W
SO
16
(0.1
50
”)
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
θ
JA =
11
0°C
/W
SO
16
(0.1
50
”)
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
909mW
ISL59444


유사한 부품 번호 - ISL59444IBZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59444IBZ-T13 RENESAS-ISL59444IBZ-T13 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
More results

유사한 설명 - ISL59444IBZ-T13

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
   350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com