전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59830IAZ-T13 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL59830IAZ-T13
상세설명  True Single Supply Video Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59830IAZ-T13 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL59830IAZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 13Page - Intersil Corporation ISL59830IAZ-T13 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN7489.2
August 15, 2005
Description of Operation and Application
Information
Theory Of Operation
The ISL59830 is a highly practical and robust marriage of
three high bandwidth, high speed, low power, rail-to-rail
voltage feedback amplifiers with a charge pump, to provide a
negative rail without an additional power supply. Designed to
operate with a single supply voltage range of from 0V to
3.3V, the ISL59830 eliminates the need for a split supply with
the incorporation of a charge pump capable of generating a
bottom rail as much as 1.6V below ground; for a 4.9V range
on a single 3.3V supply. This performance is ideal for NTSC
video with its negative-going sync pulses.
The Amplifier
The ISL59830 fabricated on a dielectrically isolated high
speed 5V Bi-CMOS process with 4GHz PNPs and NPN
transistor exceeding 20GHz - perfect for low distortion, low
power demand and high frequency circuits. While the
ISL59830 utilizes somewhat standard voltage mode
feedback topologies, there are many non-standard analog
features providing its outstanding bandwidth, rail-to-rail
operation, and output drive capabilities. The input signal
initially passes through a folded cascode, a topology
providing enhanced frequency response essentially by fixing
the base collector voltage at the junction of the input and
gain stage. The collector of each input device looks directly
into an emitter that is tied closely to ground through a
resistor and biased with a very stable DC source. Since the
voltage of this collector is "locked stable" the effective
bandwidth limiting of the Miller capacitance is greatly
reduced. The signal is then passed through a second fully-
realized differential gain stage and finally through a
proprietary common emitter output stage for improved rail-
to-rail output performance. The result is a highly-stable, low
distortion, low power, and high frequency amplifier capable
of driving moderately capacitive loads with near rail-to-rail
performance.
Input Output Range
The three amplifier channels have an input common mode
voltage range from 0.15V below the bottom rail to within
100mV of the positive supply, VS+ pin (Note: bottom rail is
established by the charge pump at negative one half the
positive supply). As the input signal moves outside the
specified range, the output signal will exhibit increasingly
higher levels of harmonic distortion. And of course, as load
resistance becomes lower, the current drive capability of the
device will be challenged and its ability to drive close to each
rail is reduced. For instance, with a load resistance of 1k
the output swing is within a 100mV of the rails, while a load
resistance of 150
Ω limits the output swing to within around
300mV of the rails.
Amplifier Output Impedance
To achieve near rail-to-rail performance, the output stage of
the ISL59830 uses transistors in the common emitter
configuration, typically producing higher output impedance
than the standard emitter follower output stage. The
exceptionally high open loop gain of the ISL59830 and local
feedback reduces output impedance to less than a 2
Ω at low
frequency. However, since output impedance of the device is
exponentially modulated by the magnitude of the open loop
gain, output impedance increases with frequency as the
open loop gain decreases with frequency. This inductive-like
effect of the output impedance is countered in the ISL59830
with proprietary output stage topology, keeping the output
impedance low over a wide frequency range and making it
possible to easily and effectively drive relatively heavy
capacitive loads.(See Figure 10).
IN+
IN-
BIAS
OUT
FIGURE 27.
ISL59830


유사한 부품 번호 - ISL59830IAZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59830IAZ-T13 INTERSIL-ISL59830IAZ-T13 Datasheet
326Kb / 14P
   True Single Supply Video Driver
ISL59830IAZ-T13 INTERSIL-ISL59830IAZ-T13 Datasheet
335Kb / 14P
   True Single Supply Video Driver
May 4, 2006
logo
Renesas Technology Corp
ISL59830IAZ-T13 RENESAS-ISL59830IAZ-T13 Datasheet
743Kb / 15P
   True Single Supply Video Driver
More results

유사한 설명 - ISL59830IAZ-T13

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59830IA INTERSIL-ISL59830IA Datasheet
335Kb / 14P
   True Single Supply Video Driver
May 4, 2006
ISL59830 INTERSIL-ISL59830_06 Datasheet
326Kb / 14P
   True Single Supply Video Driver
logo
Renesas Technology Corp
ISL59830 RENESAS-ISL59830 Datasheet
743Kb / 15P
   True Single Supply Video Driver
logo
Intersil Corporation
ISL59830AIAZ INTERSIL-ISL59830AIAZ Datasheet
336Kb / 15P
   True Single Supply Video Driver With Power Down
September 26, 2006
ISL59830A INTERSIL-ISL59830A Datasheet
390Kb / 15P
   True Single Supply Video Driver With Power Down
logo
Renesas Technology Corp
ISL59830A RENESAS-ISL59830A Datasheet
736Kb / 15P
   True Single Supply Video Driver With Power Down
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Intersil Corporation
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
List of Unclassifed Man...
SPT9404 ETC1-SPT9404 Datasheet
48Kb / 4P
   SINGLE VIDEO DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com