전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59444IBZ-T7 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL59444IBZ-T7
상세설명  1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59444IBZ-T7 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL59444IBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN7451.1
September 21, 2005
CIRCUIT 1
CIRCUIT 2
CIRCUIT 3
CIRCUIT 4
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
IN
V+
V-
LOGICPIN
V+
V-
GND.
33k
21k
+
-
1.2V
V+
V-
OUT
V-
V+
CAPACITIVELY
COUPLED
ESD CLAMP
GND
AC Test Circuits
FIGURE 21A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 21B. TEST CIRCUIT FOR MEASURING WITH A 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT
FIGURE 21C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE APPLICATION. BANDWIDTH AND LINEARITY FOR RL LESS THAN 500Ω
WILL BE DEGRADED.
Figure 21A illustrates the optimum output load for testing AC performance. Figure 21B illustrates the optimum output load when
connecting to input terminated equipment. Figure 21C illustrates back loaded test circuit for video cable.
ISL59444
CL
50
VIN
500
RL
2pF
or
75
ISL59444
RS
CL
VIN
475
TEST
2pF
50
or
75
50
or
75
50
or
75
EQUIPMENT
ISL59444
RS
CL
VIN
50
Ω or 75Ω
TEST
2pF
50
or
75
50
or
75
EQUIPMENT
ISL59444


유사한 부품 번호 - ISL59444IBZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59444IBZ-T7 RENESAS-ISL59444IBZ-T7 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
More results

유사한 설명 - ISL59444IBZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
   350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com