전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD6635 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDD6635
상세설명  35V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6635 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDD6635 Datasheet HTML 1Page - Fairchild Semiconductor FDD6635 Datasheet HTML 2Page - Fairchild Semiconductor FDD6635 Datasheet HTML 3Page - Fairchild Semiconductor FDD6635 Datasheet HTML 4Page - Fairchild Semiconductor FDD6635 Datasheet HTML 5Page - Fairchild Semiconductor FDD6635 Datasheet HTML 6Page - Fairchild Semiconductor FDD6635 Datasheet HTML 7Page - Fairchild Semiconductor FDD6635 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDD6635 Rev. C2(W)
www.fairchildsemi.com
D
R
P
DS(ON)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain–Source Diode Characteristics
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 15 A
(Note 2)
0.8
1.2
V
trr
Diode Reverse Recovery Time
26
ns
Qrr
Diode Reverse Recovery Charge
IF = 15 A,
diF/dt = 100 A/µs
16
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 40°C/W when mounted on a
1in
2 pad of 2 oz copper
b) RθJA = 96°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
μs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at TC = 25°C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A
4. BV(avalanche) Single-Pulse rating is guaranteed if device is operated within the UIS SOA boundary of the device.
5. Starting TJ = 25°C, L = 1mH, IAS = 15A, VDD = 35V, VGS = 10V


유사한 부품 번호 - FDD6635

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FDD6635 ISC-FDD6635 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD6635

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637_06 Datasheet
119Kb / 8P
   35V P-Channel PowerTrench MOSFET
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
   35V P-Channel PowerTrench-R MOSFET
logo
GOOD-ARK Electronics
SSFT3904U GOOD-ARK-SSFT3904U Datasheet
969Kb / 7P
   35V N-Channel MOSFET
logo
Zetex Semiconductors
ZXM64N035G ZETEX-ZXM64N035G_04 Datasheet
63Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64N035L3 ZETEX-ZXM64N035L3_04 Datasheet
64Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM64N035G DIODES-ZXM64N035G Datasheet
76Kb / 4P
   35V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com