전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM45DL3208GB85IT 데이터시트(PDF) 7 Page - Advanced Micro Devices

부품명 AM45DL3208GB85IT
상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM45DL3208GB85IT 데이터시트(HTML) 7 Page - Advanced Micro Devices

Back Button AM45DL3208GB85IT Datasheet HTML 3Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 4Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 5Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 6Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 7Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 8Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 9Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 10Page - Advanced Micro Devices AM45DL3208GB85IT Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
March 12, 2004
Am45DL3208G
5
PR EL I M I N ARY
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am45DL3208G
Speed
Options
Standard Voltage Range:
VCC = 2.7–3.3 V
Flash Memory
Pseudo SRAM
70
85
70
85
Max Access Time (ns)
70
85
70
85
CE#f Access (ns)
70
85
70
85
OE# Access (ns)
30
40
35
45
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#s
VSS
VCCf
RY/BY#
LB#s
UB#s
CIOf
WP#/ACC
CE2s
SA
CIOs
8 MBit
CompactCell
SRAM
32 MBit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
DQ15 to DQ0
A20 to A0
A20 to A0
A0 to A19
A–1
A18 to A0


유사한 부품 번호 - AM45DL3208GB85IT

제조업체부품명데이터시트상세설명
logo
Analog Power
AM4500C ANALOGPOWER-AM4500C Datasheet
175Kb / 2P
   N & P-Channel 150-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4501 AITSEMI-AM4501 Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
AM4501M8R AITSEMI-AM4501M8R Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
AM4501M8VR AITSEMI-AM4501M8VR Datasheet
905Kb / 10P
   P & N-CHANNEL
REV1.0
logo
Analog Power
AM4502AC ANALOGPOWER-AM4502AC Datasheet
268Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - AM45DL3208GB85IT

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com