전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TRC1300 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TRC1300
상세설명  MARCSTAR I E/D REMOTE CONTROL ENCODER/DECODERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TRC1300 데이터시트(HTML) 1 Page - Texas Instruments

  TRC1300 Datasheet HTML 1Page - Texas Instruments TRC1300 Datasheet HTML 2Page - Texas Instruments TRC1300 Datasheet HTML 3Page - Texas Instruments TRC1300 Datasheet HTML 4Page - Texas Instruments TRC1300 Datasheet HTML 5Page - Texas Instruments TRC1300 Datasheet HTML 6Page - Texas Instruments TRC1300 Datasheet HTML 7Page - Texas Instruments TRC1300 Datasheet HTML 8Page - Texas Instruments TRC1300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TRC1300, TRC1315
MARCSTAR
™ I E/D
REMOTE CONTROL ENCODER/DECODERS
SLWS011D – AUGUST 1996 – REVISED JANUARY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Devices can be Configured as an Encoder
or a Decoder
D Hopping 40-Bit Security Code(More Than
1 Trillion Combinations) and
Transmitter-Lock
™ Provide Extremely High
Security
D Four Independent Inputs/Outputs Allow For
Control of Up To 15 Functions
D Internal EEPROM and Programming Charge
Pump
D No Programming Station Required –
Self-Programming Encoder
D Smart Decoder Learns Up To Four Different
Encoders
D Adjustable Internal Clock Provides Wide
Range of Data-Rate Speeds
D Internal Amplifier and Comparator for
Amplification and Shaping of Low-Level
Input Signals With Autobias Adaptive
Threshold Circuitry using
Switched-Capacitor Technology
D Minimum Number of Required External
Components and Surface-Mount Packaging
for Extremely Small Circuit Footprint
D Advanced CMOS Processing Technology
for Minimum Power Consumption and 2.7-V
to 15 -V Operation
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DIN/DOUT
CONF
PROG
LED
OSCC
NC
OSCR
GND
VCC/CAP
VCC
TEST
VRC/TX4
VRC/TX3
NC
VRC/TX2
VRC/TX1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DIN/DOUT
CONF
PROG
LED
OSCC
OSCR
GND
VCC/CAP
VCC
TEST
VRC/TX4
VRC/TX3
VRC/TX2
VRC/TX1
D PACKAGE
(TOP VIEW)
N PACKAGE
(TOP VIEW)
description
The TRC1300 and TRC1315 are remote control serial-data encoders and decoders, and are members of the
MARCSTAR
™ (Multichannel Advanced Remote Control Serial Transmitter and Receiver) family of remote
control serial-data devices. Each can be configured to perform as either the encoder or the decoder in a remote
control system. The TRC1300 and TRC1315 are designed for use in high-volume remote control products such
as automobile and home security systems, consumer electronics, electronic keys, and remote keyless entry
applications. They are low-power devices and are well suited to battery operation with a supply voltage of 2.7 V
to 6 V for the TRC1300 and 2.7 V to 15 V for the TRC1315.
Four independent encoder inputs/decoder outputs allow for control of up to 15 functions. Forty bits of hopping
code provide high security, more than one trillion possible combinations, so that the same code will never be
used twice by a MARCSTAR device over several lifetimes of a typical system. The MARCSTAR devices are
self-programming with internal charge-pump programming circuitry. A smart decoder design learns up to four
different encoders, all in a high-security hopping-code format.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MARCSTAR and Transmitter-Lock are trademarks of Texas Instruments Incorporated.
† The coding algorithm and other MARCSTAR functionality are patented or are patent pending.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - TRC1300

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
TRC1-1-122-75 MINI-TRC1-1-122-75 Datasheet
256Kb / 2P
   RF Transformer
TRC1-1-122-75++ MINI-TRC1-1-122-75+ Datasheet
256Kb / 2P
   RF Transformer
logo
RCD COMPONENTS INC.
TRC10-103 RCD-TRC10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-104 RCD-TRC10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRC10-105 RCD-TRC10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

유사한 설명 - TRC1300

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com