전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS4895C 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDS4895C
상세설명  Dual N & P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4895C 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDS4895C Datasheet HTML 1Page - Fairchild Semiconductor FDS4895C Datasheet HTML 2Page - Fairchild Semiconductor FDS4895C Datasheet HTML 3Page - Fairchild Semiconductor FDS4895C Datasheet HTML 4Page - Fairchild Semiconductor FDS4895C Datasheet HTML 5Page - Fairchild Semiconductor FDS4895C Datasheet HTML 6Page - Fairchild Semiconductor FDS4895C Datasheet HTML 7Page - Fairchild Semiconductor FDS4895C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS4895C Rev C(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Type Min
Typ Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0 V,
ID = 250
µA
VGS = 0 V,
ID = –250
µA
Q1
Q2
40
–40
V
∆BVDSS
∆T
J
Breakdown Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
ID = –250 µA, Referenced to 25
°C
Q1
Q2
42
–40
mV/
°C
IDSS
Zero Gate Voltage Drain
Current
VDS = 32 V,
VGS = 0 V
VDS = –32 V,
VGS = 0 V
Q1
Q2
1
–1
µA
IGSSF
Gate-Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
All
100
nA
IGSSR
Gate-Body Leakage, Reverse VGS = –20 V,
VDS = 0 V
All
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
VDS = VGS,
ID = –250 µA
Q1
Q2
2
–1
3.7
–1.7
5
–3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
ID = –250 µA, Referenced to 25
°C
Q1
Q2
–8
4
mV/
°C
VGS = 10 V,
ID = 5.5 A
VGS = 7 V,
ID = 4.8 A
VGS = 10 V, ID = 5.5 A, TJ = 125
°C
Q1
32
42
49
39
57
64
m
RDS(on)
Static Drain-Source
On-Resistance
VGS = –10 V,
ID = –4.4 A
VGS = –4.5 V,
ID = –3.8 A
VGS = –10 V, ID = –4.4 A, TJ = 125
°C
Q2
37
50
55
46
63
73
gFS
Forward Transconductance
VDS = 10 V,
ID = 5.5 A
VDS = –10 V,
ID =–4.4 A
Q1
Q2
10
12
S
Dynamic Characteristics
Ciss
Input Capacitance
Q1
Q2
410
1050
pF
Coss
Output Capacitance
Q1
Q2
97
140
pF
Crss
Reverse Transfer Capacitance
Q1
VDS = 20 V, VGS = 0 V, f = 1.0 MHz
Q2
VDS = –20 V, VGS = 0 V, f = 1.0 MHz
Q1
Q2
47
70
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
Q1
Q2
2
9


유사한 부품 번호 - FDS4895C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
logo
VBsemi Electronics Co.,...
FDS4897AC-NL VBSEMI-FDS4897AC-NL Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS4897C FAIRCHILD-FDS4897C Datasheet
159Kb / 9P
   Dual N & P-Channel PowerTrench MOSFET
More results

유사한 설명 - FDS4895C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_10 Datasheet
804Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS8958 KEXIN-KDS8958 Datasheet
78Kb / 3P
   Dual N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4897C FAIRCHILD-FDS4897C Datasheet
159Kb / 9P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com