전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS8876 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDS8876
상세설명  N-Channel PowerTrench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8876 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDS8876 Datasheet HTML 1Page - Fairchild Semiconductor FDS8876 Datasheet HTML 2Page - Fairchild Semiconductor FDS8876 Datasheet HTML 3Page - Fairchild Semiconductor FDS8876 Datasheet HTML 4Page - Fairchild Semiconductor FDS8876 Datasheet HTML 5Page - Fairchild Semiconductor FDS8876 Datasheet HTML 6Page - Fairchild Semiconductor FDS8876 Datasheet HTML 7Page - Fairchild Semiconductor FDS8876 Datasheet HTML 8Page - Fairchild Semiconductor FDS8876 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FDS8876 Rev. A
www.fairchildsemi.com
2
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Electrical Characteristics T
A = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
12.5
A
Continuous (TA = 25
oC, V
GS = 10V, R
θJA = 50
oC/W)
Continuous (TA = 25
oC, V
GS = 4.5V, R
θJA = 50
oC/W)
11.4
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
105
mJ
PD
Power dissipation
2.5
W
Derate above 25
oC20
mW/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 150
oC
RθJC
Thermal Resistance, Junction to Case (Note 2)
25
oC/W
RθJA
Thermal Resistance, Junction to Ambient at 10 seconds (Note 3)
50
oC/W
RθJA
Thermal Resistance, Junction to Ambient at 1000 seconds (Note 3)
85
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8876
FDS8876
SO-8
330mm
12mm
2500 units
FDS8876
FDS8876_NL (Note 4)
SO-8
330mm
12mm
2500 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 24V
-
-
1
µA
VGS = 0V
TA = 150
oC-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1.2
-
2.5
V
rDS(ON)
Drain to Source On Resistance
ID = 12.5A, VGS = 10V
-
0.0068
0.0082
ID = 11.4A, VGS = 4.5V
-
0.0083
0.0102
ID = 12.5A, VGS = 10V,
TA = 150
oC
-
0.0109
0.0141
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-1650
-
pF
COSS
Output Capacitance
-
330
-
pF
CRSS
Reverse Transfer Capacitance
-
180
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
0.5
2.3
4.0
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 12.5A
Ig = 1.0mA
-28
36
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
15
20
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
1.5
2
nC
Qgs
Gate to Source Gate Charge
-
4.3
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
2.8
-
nC
Qgd
Gate to Drain “Miller” Charge
-
5.0
-
nC


유사한 부품 번호 - FDS8876

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8876 FAIRCHILD-FDS8876 Datasheet
605Kb / 12P
   N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
FDS8876 FAIRCHILD-FDS8876_07 Datasheet
605Kb / 12P
   N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
More results

유사한 설명 - FDS8876

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com