전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC257 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 74AC257
상세설명  Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC257 데이터시트(HTML) 1 Page - ON Semiconductor

  74AC257 Datasheet HTML 1Page - ON Semiconductor 74AC257 Datasheet HTML 2Page - ON Semiconductor 74AC257 Datasheet HTML 3Page - ON Semiconductor 74AC257 Datasheet HTML 4Page - ON Semiconductor 74AC257 Datasheet HTML 5Page - ON Semiconductor 74AC257 Datasheet HTML 6Page - ON Semiconductor 74AC257 Datasheet HTML 7Page - ON Semiconductor 74AC257 Datasheet HTML 8Page - ON Semiconductor 74AC257 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 7
1
Publication Order Number:
MC74AC257/D
MC74AC257, MC74ACT257
Quad 2−Input Multiplexer
with 3−State Outputs
The MC74AC257/74ACT257 is a quad 2−input multiplexer with
3−state outputs. Four bits of data from two sources can be selected
using a Common Data Select input. The four outputs present the
selected data in true (noninverted) form. The outputs may be switched
to a high impedance state by placing a logic HIGH on the common
Output Enable (OE) input, allowing the outputs to interface directly
with bus−oriented systems.
Multiplexer Expansion by Tying Outputs Together
Noninverting 3−State Outputs
Outputs Source/Sink 24 mA
′ACT257 Has TTL Compatible Inputs
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
15
16
14
13
12
11
10
2
1
345
67
VCC
9
8
OE
I0c
I1c
Zc
I0d
I1d
Zd
SI0a
I1a
Za
I0b
I1b
Zb
GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC257N
PDIP−16
25 Units/Rail
MC74AC257D
SOIC−16
48 Units/Rail
MC74AC257DR2
2500 Tape & Reel
TSSOP−16
DT SUFFIX
CASE 948F
MC74AC257DT
TSSOP−16
96 Units/Rail
MC74AC257DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
MC74ACT257N
PDIP−16
25 Units/Rail
MC74ACT257D
SOIC−16
48 Units/Rail
MC74ACT257DR2
2500 Tape & Reel
MC74ACT257DT
TSSOP−16
96 Units/Rail
MC74ACT257DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
1
16
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
MC74AC257MEL
EIAJ−16
2000 Tape & Reel
MC74ACT257M
EIAJ−16
MC74ACT257MEL
EIAJ−16
2000 Tape & Reel
50 Units/Rail


유사한 부품 번호 - 74AC257

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
STMicroelectronics
74AC257B STMICROELECTRONICS-74AC257B Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
74AC257M STMICROELECTRONICS-74AC257M Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Fairchild Semiconductor
74AC257MTC FAIRCHILD-74AC257MTC Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results

유사한 설명 - 74AC257

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A_04 Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com