전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5570YRS-REEL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5570YRS-REEL7
상세설명  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5570YRS-REEL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5570YRS-REEL7 Datasheet HTML 2Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 3Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 4Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 5Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 6Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 7Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 8Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 9Page - Analog Devices AD5570YRS-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5570
Rev. 0 | Page 6 of 24
DAISY-CHAINING AND READBACK TIMING CHARACTERISTICS
VDD = +12 V ± 5%, VSS = −12 V ± 5% or VDD = +15 V ± 10%, VSS = −15 V ± 10%; VREF = 5 V; REFGND = GND = 0 V; RL = 5 kΩ,
and CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fMAX
2
MHz max
SCLK frequency
t1
500
ns min
SCLK cycle time
t2
200
ns min
SCLK high time
t3
200
ns min
SCLK low time
t4
10
ns min
SYNC to SCLK falling edge setup time
t5
35
ns min
Data setup time
t6
0
ns min
Data hold time
t7
45
ns min
SCLK falling edge to SYNC rising edge
t8
45
ns min
Minimum SYNC high time
t9
0
ns min
SYNC rising edge to LDAC falling edge
t10
50
ns min
LDAC pulse width
t141
200
ns max
Data delay on SDO
All parameters guaranteed by design and characterization. Not production tested.
All input signals are measured with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL +VIH)/2.
SDO; RPULLUP = 5 kΩ, CL = 15 pF.
1 With CL = 0 pF, t15 = 100 ns.
SCLK
SYNC
SDIN
DB15 (N)
DB15 (N)
DB0 (N)
DB0 (N)
DB15
(N+1)
DB15
(N+1)
DB0
(N+1)
LDAC1
SDO
LDAC2
NOTES
1. ASYNCHRONOUS LDAC UPDATE MODE
2. SYNCHRONOUS LDAC UPDATE MODE
t1
t8
t10
t2
t3
t4
t6
t5
t9
t7
t14
Figure 3. Daisy-Chaining Timing Diagram


유사한 부품 번호 - AD5570YRS-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results

유사한 설명 - AD5570YRS-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com