전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43L420IR 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL43L420IR
상세설명  Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L420IR 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL43L420IR Datasheet HTML 5Page - Intersil Corporation ISL43L420IR Datasheet HTML 6Page - Intersil Corporation ISL43L420IR Datasheet HTML 7Page - Intersil Corporation ISL43L420IR Datasheet HTML 8Page - Intersil Corporation ISL43L420IR Datasheet HTML 9Page - Intersil Corporation ISL43L420IR Datasheet HTML 10Page - Intersil Corporation ISL43L420IR Datasheet HTML 11Page - Intersil Corporation ISL43L420IR Datasheet HTML 12Page - Intersil Corporation ISL43L420IR Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6098.1
FIGURE 17. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 18. TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 19. FREQUENCY RESPONSE
FIGURE 20. CROSSTALK AND OFF ISOLATION
FIGURE 21. ON LEAKAGE vs SWITCH VOLTAGE
FIGURE 22. OFF LEAKAGE vs SWITCH VOLTAGE
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
V+ (V)
1
1.522.533.5
4
4.5
0
10
20
30
40
50
85
°C
-40
°C
25
°C
V+ (V)
1
1.52
2.533.5
4
4.5
0
5
10
15
20
25°C
85°C
-40°C
FREQUENCY (MHz)
0
-20
GAIN
PHASE
V+ = 3V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
FREQUENCY (Hz)
1K
100K
1M
100M 500M
10K
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V
VCOM/NX (V)
01
23
4
5
-100
-50
0
50
100
25°C
85°C
V+ = 4.5V
VNX (V)
01
2345
-150
-100
-50
0
50
85°C
25°C
V+ = 4.5V
VCOM = 0.3V
ISL43L420


유사한 부품 번호 - ISL43L420IR

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L420IR INTERSIL-ISL43L420IR Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
logo
Renesas Technology Corp
ISL43L420IR RENESAS-ISL43L420IR Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL43L420IR-T INTERSIL-ISL43L420IR-T Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
logo
Renesas Technology Corp
ISL43L420IR-T RENESAS-ISL43L420IR-T Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL43L420IRZ INTERSIL-ISL43L420IRZ Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
More results

유사한 설명 - ISL43L420IR

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL43L420 RENESAS-ISL43L420 Datasheet
617Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL43L420IR INTERSIL-ISL43L420IR Datasheet
377Kb / 13P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, Quad SPDT Analog Switch
February 18, 2005
ISL43L210 INTERSIL-ISL43L210 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L210 RENESAS-ISL43L210 Datasheet
580Kb / 12P
   Ultra Low ON-Resistance, 1.1V to 4.5V Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com