전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59112 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL59112
상세설명  40MHz Rail-to-Rail Video Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59112 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL59112 Datasheet HTML 1Page - Intersil Corporation ISL59112 Datasheet HTML 2Page - Intersil Corporation ISL59112 Datasheet HTML 3Page - Intersil Corporation ISL59112 Datasheet HTML 4Page - Intersil Corporation ISL59112 Datasheet HTML 5Page - Intersil Corporation ISL59112 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FN6142.1
August 15, 2005
SR(hl)
Negative Slew Rate
VIN = 1VSTEP
-80
-30
V/µs
tF
Fall Time
1.0VSTEP
9ns
tR
Rise Time
1.0VSTEP, 20% - 80%
9
ns
Electrical Specifications
VS+ = 3.3V, VS- = GND, TA = 25°C, RL = 150Ω to GND, unless otherwise specified (Continued)
DESCRIPTION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
450mW
θ
JA =
22
0°C
/W
SC
70
-6
0.5
0.4
0.3
0.2
0.1
0
0
AMBIENT TEMPERATURE (°C)
150
75
25
100
50
125
85
0.45
0.35
0.25
0.15
0.05
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
500mW
0.55
0.5
0.3
0.2
0.1
0
0
AMBIENT TEMPERATURE (°C)
150
75
25
100
50
125
85
0.4
0.45
0.25
0.15
0.05
0.35
-
+
-
+
IN
RIN
VDD
IN
EN
GND
VDD
VDD
EN=GND: SHUTDOWN IDD~0
EN=VDD: ACTIVE IDD~2.0mA
VDC
R6
R5
R4
R7
OUT
SAG
C5
C4
SYNC CLAMP
SAG
NETWORK
AC COUPLING
CAPACITOR
75
75
75
CIN
100nF
47µF
22µF
FIGURE 3. BLOCK DIAGRAM
ISL59112


유사한 부품 번호 - ISL59112

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59112 RENESAS-ISL59112 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112IEZ-T7 INTERSIL-ISL59112IEZ-T7 Datasheet
254Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
ISL59112IEZ-T7 RENESAS-ISL59112IEZ-T7 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112 INTERSIL-ISL59112_07 Datasheet
254Kb / 8P
   40MHz Rail-to-Rail Video Buffer
More results

유사한 설명 - ISL59112

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59112 RENESAS-ISL59112 Datasheet
512Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Intersil Corporation
ISL59112 INTERSIL-ISL59112_07 Datasheet
254Kb / 8P
   40MHz Rail-to-Rail Video Buffer
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com