전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59440IAZ-T7 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL59440IAZ-T7
상세설명  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IAZ-T7 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL59440IAZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL59440IAZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6162.1
September 21, 2005
Application Information
General
The ISL59440 is a 4:1 mux that is ideal as a matrix element
in high performance switchers and routers. The ISL59440 is
optimized to drive 5pF in parallel with a 500
Ω load. The
capacitance can be split between the PCB capacitance and
an external load capacitance. Its low input capacitance and
high input resistance provides excellent 50
Ω or 75Ω
terminations.
Parasitic Effects on Frequency Performance
Capacitance at the Inverting Input
The AC performance of current-feedback amplifiers in the
non-inverting gain configuration is strongly affected by stray
capacitance at the inverting input. Stray capacitance from
the inverting input pin to the output (CF), and to ground (CG),
increase gain peaking and bandwidth. Large values of either
capacitance can cause oscillation. The ISL59440 has been
optimized for a 0.4pf to 0.7pF capacitance (CG).
Capacitance (CF) to the output should be minimized. To
achieve optimum performance the feedback network
resistor(s) must be placed as close to the device as possible.
Trace lengths greater than 1/4 inch combined with resistor
pad capacitance can result in inverting input to ground
capacitance approaching 1pF. Inverting input and output
traces should not run parallel to each other. Small size
surface mount resistors (604 or smaller) are recommended.
Capacitance at the Output
The output amplifier is optimized for capacitance to ground
(CL) directly on the output pin. Increased capacitance
causes higher peaking with an increase in bandwidth. The
optimum range for most applications is ~1.0pF to ~6pF. The
optimum value can be achieved through a combination of
PC board trace capacitance (CT) and an external capacitor
(COUT). A good method to maintain control over the output
pin capacitance is to minimize the trace length (CT) to the
next component, and include a discrete surface mount
capacitor (COUT) directly at the output pin.
Feedback Resistor Values
The AC performance of the output amplifier is optimized with
the feedback resistor network (RF, RG) values
recommended in the application circuits. The amplifier
bandwidth and gain peaking are directly affected by the
value(s) of the feedback resistor(s) in unity gain and gain >1
configurations. Transient response performance can be
tailored simply by changing these resistor values. Generally,
lower values of RF and RG increase bandwidth and gain
peaking. This has the effect of decreasing rise/fall times and
increasing overshoot.
Application Circuits
FIGURE 25A. GAIN OF 1 APPLICATION CIRCUIT
FIGURE 25B. GAIN OF 2 APPLICATION CIRCUIT
COUT
VIN
50
332
RL = 500Ω
Cg
-
+
0.4pF < CG < 0.7pF
0.6pF
VOUT
PC Board
Capacitance
0pF
*CL = CT + COUT
CT
1.6pF
*CL: TOTAL LOAD CAPACITANCE
COUT: OUTPUT CAPACITANCE
CT: TRACE CAPACITANCE
CF
VIN
50
511
RL = 500Ω
CG
-
+
511
0.4pF < CG < 0.7pF
0.6pF
VOUT
PC Board
Capacitance
3.9pF
COUT
1.6pF
CT
*CL = CT + COUT
ISL59440


유사한 부품 번호 - ISL59440IAZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IAZ RENESAS-ISL59440IAZ Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
More results

유사한 설명 - ISL59440IAZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com