전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM42BDS640AGBC9IS 데이터시트(PDF) 2 Page - SPANSION

부품명 AM42BDS640AGBC9IS
상세설명  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS640AGBC9IS 데이터시트(HTML) 2 Page - SPANSION

  AM42BDS640AGBC9IS Datasheet HTML 1Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 2Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 3Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 4Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 5Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 6Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 7Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 8Page - SPANSION AM42BDS640AGBC9IS Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 26445
Rev: B Amendment/0
Issue Date: November 1, 2002
Refer to AMD’s Website (www.amd.com) for the latest information.
Am42BDS640AG
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29BDS640G 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation,
Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
■ Power supply voltage of 1.65 to 1.95 volt
■ High performance
— Access time as fast as 70 ns
■ Package
— 93-Ball FBGA
■ Operating Temperature
— –40°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
■ Single 1.8 volt read, program and erase (1.65 to 1.95 volt)
■ Manufactured on 0.17 µm process technology
■ Simultaneous Read/Write operation
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
— Four bank architecture: 16Mb/16Mb/16Mb/16Mb
■ Programmable Burst Interface
— 2 Modes of Burst Read Operation
— Linear Burst: 8, 16, and 32 words with wrap-around
— Continuous Sequential Burst
■ Sector Architecture
— Eight 8 Kword sectors and one hundred twenty-six 32
Kword sectors
— Banks A and D each contain four 8 Kword sectors and
thirty-one 32 Kword sectors; Banks B and C each contain
thirty-two 32 Kword sectors
— Eight 8 Kword boot sectors, four at the top of the address
range, and four at the bottom of the address range
■ Minimum 1 million erase cycle guarantee per sector
■ 20-year data retention at 125°C
PERFORMANCE CHARCTERISTICS
■ Read access times at 54/40 MHz
— Burst access times of 13.5/20 ns @ 30 pF at industrial
temperature range
— Asynchronous random access times of 70 ns (at 30 pF)
— Synchronous latency of 87.5/95 ns
■ Power dissipation (typical values, C
L = 30 pF)
— Burst Mode Read: 10 mA
— Simultaneous Operation: 25 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
HARDWARE FEATURES
■ Software command sector locking
■ Handshaking: host monitors operations via RDY output
■ Hardware reset input (RESET#)
■ WP# input
— Write protect (WP#) function protects sectors 0, 1 (bottom
boot) or sectors 132 and 133 (top boot), regardless of sector
protect status
■ ACC input: Acceleration function reduces programming
time; all sectors locked when ACC = V
IL
■ CMOS compatible inputs, CMOS compatible outputs
■ Low V
CC write inhibit
SOFTWARE FEATURES
■ Supports Common Flash Memory Interface (CFI)
■ Software command set compatible with JEDEC 42.4
standards
■ Data# Polling and toggle bits
■ Erase Suspend/Resume
— Suspends or resumes an erase operation in one sector to
read data from, or program data to, other sectors
■ Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
SRAM Features
■ Power dissipation
— Operating: 3 mA maximum
— Standby: 15 µA maximum
■ CE1s# and CE2s Chip Select
■ Power down features using CE1s# and CE2s
■ Data retention supply voltage: 1.0 to 2.2 volt
■ Byte data control: LB#s (DQ7–DQ0), UB#s (DQ15–DQ8)


유사한 부품 번호 - AM42BDS640AGBC9IS

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM42BDS640AGBC9IS AMD-AM42BDS640AGBC9IS Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
More results

유사한 설명 - AM42BDS640AGBC9IS

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com