전자부품 데이터시트 검색엔진 |
|
1N4615-1 데이터시트(PDF) 1 Page - Microsemi Corporation |
|
1N4615-1 데이터시트(HTML) 1 Page - Microsemi Corporation |
1 / 2 page 6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com 45 • 1N4614-1THRU 1N4627-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435 • LOW CURRENT OPERATION AT 250 µA • LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS • DOUBLE PLUG CONSTRUCTION • METALLURGICALLY BONDED 1N4614 thru 1N4627 and 1N4614-1 thru 1N4627-1 FIGURE 1 DESIGN DATA CASE: Hermetically sealed glass case. DO – 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 °C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 °C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: ANY. MAXIMUM RATINGS Operating Temperature: -65°C to +175°C DC Power Dissipation: 500mW @ +50°C Power Derating: 4 mW / °C above +50°C Forward Voltage @ 200 mA: 1.1 Volts maximum * ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed. JEDEC NOMINAL ZENER MAXIMUM MAXIMUM REVERSE MAXIMUM MAXIMUM TYPE ZENER TEST ZENER LEAKAGE CURRENT DC ZENER NOISE NUMBER VOLTAGE CURRENT IMPEDANCE CURRENT DENSITY V Z @ I ZT I ZT Z ZT @ I ZT 1 R @ V R lZM ND (Note 1) (Note 2) VOLTS µ A OHMS µ A VOLTS mA µ V/ Hz 1N4614 1.8 250 1200 7.5 1 120 1 1N4615 2.0 250 1250 5.0 1 110 1 1N4616 2.2 250 1300 4.0 1 100 1 1N4617 2.4 250 1400 2.0 1 95 1 1N4618 2.7 250 1500 1.0 1 90 1 1N4619 3.0 250 1600 0.8 1 87 1 1N4620 3.3 250 1650 7.5 1.5 85 1 1N4621 3.6 250 1700 7.5 2 83 1 1N4622 3.9 250 1650 5.0 2 80 1 1N4623 4.3 250 1600 4.0 2 77 1 1N4624 4.7 250 1550 10.0 3 75 1 1N4625 5.1 250 1500 10.0 3 70 2 1N4626 5.6 250 1400 10.0 4 65 4 1N4627 6.2 250 1200 10.0 5 61 5 * JEDEC Registered Data. NOTE 1 The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of the nominal Zener voltage. Vz is measured with the device junction in thermal equilib- rium at an ambient themperature of 25°C + 3°C. A “C” suffix denotes a + 2% tolerance and a “D” suffix denotes a + 1% tolerance. NOTE 2 Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current equal to 10% of l ZT (25 µ A a.c.) |
유사한 부품 번호 - 1N4615-1 |
|
유사한 설명 - 1N4615-1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |