전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBM15SH60A 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FSBM15SH60A
상세설명  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM15SH60A 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FSBM15SH60A Datasheet HTML 2Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 3Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 4Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 5Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 6Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 7Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 8Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 9Page - Fairchild Semiconductor FSBM15SH60A Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. E, August 2003
Absolute Maximum Ratings
Thermal Resistance
Note:
2. For the measurement point of case temperature(TC), please refer to Fig. 2.
3. The thickness of thermal grease should not be more than 100um.
Electrical Characteristics (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
4. tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching time of IGBT itself under the given gate driving condition
internally. For the detailed information, please see Fig. 4.
Item
Symbol
Condition
Min. Typ.
Max.
Unit
Junction to Case Thermal
Resistance
Rth(j-c)Q Each IGBT under Inverter Operating Condition
--
2.5
°C/W
Rth(j-c)F Each FWDi under Inverter Operating Condition
-
-
3.6
°C/W
Contact Thermal
Resistance
Rth(c-h) Ceramic Substrate (per 1 Module)
Thermal Grease Applied (Note 3)
-
-
0.06
°C/W
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Collector - Emitter
Saturation Voltage
VCE(SAT) VCC = VBS = 15V
VIN = 0V
IC = 15A, TJ = 25°C
-
-
2.5
V
FWDi Forward Voltage
VFM
VIN = 5V
IC = 15A, TJ = 25°C
-
-
2.5
V
Switching Times
tON
VPN = 300V, VCC = VBS = 15V
IC = 15A, TJ = 25°C
VIN = 5V ↔ 0V, Inductive Load
(HighM Low-side)
(Note 4)
-0.34
-
us
tC(ON)
-0.15
-
us
tOFF
-0.73
-
us
tC(OFF)
-0.24
-
us
trr
-0.13
-
us
Collector - Emitter
Leakage Current
ICES
VCE = VCES, TJ = 25°C
-
-
250
µA


유사한 부품 번호 - FSBM15SH60A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
More results

유사한 설명 - FSBM15SH60A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com